Electronic Components Datasheet Search
  English  ▼

X  

LX1994 Datasheet(PDF) 11 Page - Microsemi Corporation

Part # LX1994
Description  High Efficiency LED Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1994 Datasheet(HTML) 11 Page - Microsemi Corporation

Back Button LX1994_06 Datasheet HTML 5Page - Microsemi Corporation LX1994_06 Datasheet HTML 6Page - Microsemi Corporation LX1994_06 Datasheet HTML 7Page - Microsemi Corporation LX1994_06 Datasheet HTML 8Page - Microsemi Corporation LX1994_06 Datasheet HTML 9Page - Microsemi Corporation LX1994_06 Datasheet HTML 10Page - Microsemi Corporation LX1994_06 Datasheet HTML 11Page - Microsemi Corporation LX1994_06 Datasheet HTML 12Page - Microsemi Corporation LX1994_06 Datasheet HTML 13Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
LX1994
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 11
High Efficiency LED Driver
Copyright
© 2003
Rev. 1.0d, 2006-02-09
TM
®
APPLICATION INFORMATION
R3 = 23.2k
The level at 100% duty cycle in full darkness is 4mA,
which is 20% of the maximum level of 20mA; this implies
80% is attributable to ISCR. Combining this information with
the describing equation for AUTO mode gives:
()
(
) () ()
SRC
LED(MAX)
I
× R1×R2×Rp
80%×I
×R5=
R1×R2 + R1×Rp + R2×Rp
This implies:
()
(
) () ()
R1×R2×Rp
0.8×.02×15
==2.4k
R1×R2 + R1×Rp + R2×Rp
100μA
Since the left side is the three resistors in parallel, this can
be restated as:
-6
11
1
416×10 =
+
+
=G1+G2+Gp
R1
R2
Rp
The manual mode equation can be reduced to this assuming
100% duty and 20mA LED current (that is 0.3V sense
resistor voltage):
CC
R2×Rp
0.3×R1
0.3×R1
==
R2+Rp
(10μA×R1)+V
-0.3
(10μA×R1)+3.0
This can be restated as:
-6
11
10
+
=33×10 +
R2
Rp
R1
or
()
-6
G2+Gp=33×10 + 10×G1
The auto mode equation can be reduced to this assuming
100% duty , 100µA ISRC current and 20mA LED current
(that is 0.3V sense resistor voltage):
()
()
()
SRC
CC
CC
R1×Rp
0.3×R2
=
R1+Rp
(I
+10μA)×R2 +V
-0.3
0.3×R2
0.3×R2
==
(100μ+10μA)×R2 +V
-0.3
110μA×R2 +3.0
This can be restated as:
-6
11
10
+
=367×10 +
R1
Rp
R2
or
(
)
-6
G1+Gp=367×10 + 10×G2
The equations above can be solved for G1, G2 and Gp:
-6
G1=34.8×10
-6
G2=4.45×10
-6
Gp=376×10
Knowing Gp we can find
-6
1
G4=Gp-
=343×10
30k
The
resistance
values
are
the
reciprocal
of
the
conductance’s so:
R1 = 28.7k
R2 = 225k
R4 = 2.91k
The value of C1 is selected to give a time constant of ½
second and works into R3 (which is 23.2k).
0.5
C1=
23.2k
C1 = 21.5µF
The value of C2 works into Rp and the pole should be set
at 1/100 of the PWM frequency.
1
C2=
10kHz
6.28×
×2.66k
100
For a 10KHz PWM,
C2 = 599nF, and a value of 1µf
works well.
Circuit of Figure 3:
The second light sensor interface is very similar to the first;
the choice is a matter of user preference. In the second
circuit, an active 325mV clamp is used to clamp the
maximum LED current in auto mode.
In this circuit,
resistor R3 is reduced to extend the
operating ambient light range of the light sensor and filter
capacitor C1 must therefore be increased.


Similar Part No. - LX1994_06

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1994CDU MICROSEMI-LX1994CDU Datasheet
306Kb / 13P
High Efficiency LED Driver
LX1994CLD MICROSEMI-LX1994CLD Datasheet
306Kb / 13P
High Efficiency LED Driver
More results

Similar Description - LX1994_06

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1994 MICROSEMI-LX1994 Datasheet
306Kb / 13P
High Efficiency LED Driver
LX1992 MICROSEMI-LX1992 Datasheet
325Kb / 11P
High Efficiency LED Driver
LX1993 MICROSEMI-LX1993 Datasheet
453Kb / 12P
High Efficiency LED Driver
logo
ON Semiconductor
NCP5604A ONSEMI-NCP5604A Datasheet
359Kb / 15P
High Efficiency White LED Driver
March, 2006 ??Rev. 0
logo
New Japan Radio
NJU6048 NJRC-NJU6048 Datasheet
163Kb / 13P
High Efficiency White LED Driver
logo
ON Semiconductor
NCP5680 ONSEMI-NCP5680 Datasheet
985Kb / 27P
High Efficiency White LED Driver
May, 2009 ??Rev. 0
logo
Texas Instruments
LM3530 TI1-LM3530 Datasheet
7Mb / 50P
High-Efficiency White-LED Driver
logo
List of Unclassifed Man...
MP1521_R2.7W ETC-MP1521_R2.7W Datasheet
171Kb / 2P
High Efficiency White LED Driver
logo
Richtek Technology Corp...
RT4532 RICHTEK-RT4532_15 Datasheet
204Kb / 12P
High Efficiency Backlight LED Driver
logo
New Japan Radio
NJU6050 NJRC-NJU6050 Datasheet
108Kb / 8P
High Efficiency White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com