Electronic Components Datasheet Search
  English  ▼

X  

LX1994 Datasheet(PDF) 12 Page - Microsemi Corporation

Part # LX1994
Description  High Efficiency LED Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1994 Datasheet(HTML) 12 Page - Microsemi Corporation

Back Button LX1994_06 Datasheet HTML 5Page - Microsemi Corporation LX1994_06 Datasheet HTML 6Page - Microsemi Corporation LX1994_06 Datasheet HTML 7Page - Microsemi Corporation LX1994_06 Datasheet HTML 8Page - Microsemi Corporation LX1994_06 Datasheet HTML 9Page - Microsemi Corporation LX1994_06 Datasheet HTML 10Page - Microsemi Corporation LX1994_06 Datasheet HTML 11Page - Microsemi Corporation LX1994_06 Datasheet HTML 12Page - Microsemi Corporation LX1994_06 Datasheet HTML 13Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
LX1994
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 12
High Efficiency LED Driver
Copyright
© 2003
Rev. 1.0d, 2006-02-09
TM
®
PACKAGE DIMENSIONS
DU
10-Pin Miniature Shrink Outline Package (MSOP)
A1
L
E
L1
E1
b
e
S
A
D
c Θ
MILLIMETERS
INCHES
Dim
MIN
MAX
MIN
MAX
A
1.10
0.043
A1
0.05
0.15
0.002
0.006
b
0.15
0.30
0.006
0.012
c
0.13
0.23
0.005
0.009
D
2.90
3.10
0.114
0.122
e
0.50 BSC
0.020 BSC
E
4.75
5.05
0.187
0.198
E1
2.90
3.10
0.114
0.122
L
0.41
0.70
0.016
0.028
L1
0.95 BSC
0.037 BSC
S
0.50 BSC
0.020
Θ
LD
10-Pin Plastic Micro Lead frame Package (MLP)
D
E
A
A3
D2
E2
b
L
e
A1
Top View
Bottom
View
Pin1
ID
12
3
4
5
6
7
8
9
10
MILLIMETERS
INCHES
Dim
MIN
MAX
MIN
MAX
A
0.80
1.00
0.0315
0.0394
A1
0
0.05
0
0.0019
A3
0.20 REF
0.0079 REF
b
0.18
0.30
0.0071
0.0118
D
3.00 BSC
0.1181 BSC
D2
2.23
2.48
0.0878
0.0976
e
0.50 BSC
0.0197 BSC
E
3.00 BSC
0.1181 BSC
E2
1.49
1.74
0.0587
0.0685
L
0.30
0.50
0.0071
0.0197
Note: Dimensions do not include mold flash or protrusions; these shall not exceed 0.155mm(.006”) on any side.


Similar Part No. - LX1994_06

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1994CDU MICROSEMI-LX1994CDU Datasheet
306Kb / 13P
High Efficiency LED Driver
LX1994CLD MICROSEMI-LX1994CLD Datasheet
306Kb / 13P
High Efficiency LED Driver
More results

Similar Description - LX1994_06

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1994 MICROSEMI-LX1994 Datasheet
306Kb / 13P
High Efficiency LED Driver
LX1992 MICROSEMI-LX1992 Datasheet
325Kb / 11P
High Efficiency LED Driver
LX1993 MICROSEMI-LX1993 Datasheet
453Kb / 12P
High Efficiency LED Driver
logo
ON Semiconductor
NCP5604A ONSEMI-NCP5604A Datasheet
359Kb / 15P
High Efficiency White LED Driver
March, 2006 ??Rev. 0
logo
New Japan Radio
NJU6048 NJRC-NJU6048 Datasheet
163Kb / 13P
High Efficiency White LED Driver
logo
ON Semiconductor
NCP5680 ONSEMI-NCP5680 Datasheet
985Kb / 27P
High Efficiency White LED Driver
May, 2009 ??Rev. 0
logo
Texas Instruments
LM3530 TI1-LM3530 Datasheet
7Mb / 50P
High-Efficiency White-LED Driver
logo
List of Unclassifed Man...
MP1521_R2.7W ETC-MP1521_R2.7W Datasheet
171Kb / 2P
High Efficiency White LED Driver
logo
Richtek Technology Corp...
RT4532 RICHTEK-RT4532_15 Datasheet
204Kb / 12P
High Efficiency Backlight LED Driver
logo
New Japan Radio
NJU6050 NJRC-NJU6050 Datasheet
108Kb / 8P
High Efficiency White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com