Electronic Components Datasheet Search
  English  ▼

X  

LM8M64 Datasheet(PDF) 10 Page - Sharp Corporation

Part # LM8M64
Description  Color STN LCD Module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LM8M64 Datasheet(HTML) 10 Page - Sharp Corporation

  LM8M64 Datasheet HTML 1Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 1 page
background image
SPEC No.
LC9
LC9
LC9
LC98109A
8109A
8109A
8109A
MODEL No.
LM
LM
LM
LM8M64
8M64
8M64
8M64
PAGE
6666
3.Mechanical Specification
Table1
Parameter
Specifications
Unit
Outline dimensions
225.4(W)×87.4(H)×7.0MAX(D)
mm
Active area
191.98(W)×71.98(H)
mm
Display format
640(W)×240(H)
-
Dot size
0.08×RGB(W)×0.28(H)
mm
Dot spacing
0.02
mm
Base color *1
Normally black *2
-
Weight
Approx.175
g
*1 Due to the characteristics of the LC material, the colors vary with environmental temperature.
*2 Negative-type display
Display data “H” : ON → transmission
Display data “L” : OFF → light isolation
4.Absolute Maximum Ratings
4-1.Electrical absolute maximum ratings
Table 2
Parameter
Symbol
MIN.
MAX.
Unit
Remark
Supply voltage(Logic)
VDD-VSS
0
6.0
V
Ta=25 ℃
Input voltage
VIN
-0.3
VDD+0.3
V
Ta=25 ℃
Vcon voltage
Vcon
0
VDD
V
Ta=25 ℃



Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com