Electronic Components Datasheet Search
  English  ▼

X  

LM8M64 Datasheet(PDF) 5 Page - Sharp Corporation

Part # LM8M64
Description  Color STN LCD Module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LM8M64 Datasheet(HTML) 5 Page - Sharp Corporation

  LM8M64 Datasheet HTML 1Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 1 page
background image
SPEC No.
LC9
LC9
LC9
LC98109A
8109A
8109A
8109A
MODEL No.
LM
LM
LM
LM8M64
8M64
8M64
8M64
PAGE
1111
○
Precautions
1) Industrial(Mechanical) design of the product in which this LCD module will be incorporated must be made
so that the viewing angle characteristics of the LCD may be optimized.
This module’s viewing angle is illustrated in Fig.1.
θ
y MIN. < viewing angle <θy MAX.
(For the specific values ofθy MIN., andθy MAX., refer to the table9 )
Please consider the optimum viewing conditions according to the purpose when installing the module.
Fig.1 Definition of viewing angle
2)
When installing the module, pay attention and handle carefully not to allow any undue stress such as twist
or
bend.
3) Since the front polarizer is easily damaged. Please pay attention not to scratch on its face.
It is recommended to use a transparent acrylic resin board or other type of protective panel on the surface
of the LCD module to protect the polarizer, LCD panel, etc..
4) If the surface of the LCD panel is required to be cleaned, wipe it swiftly with cotton or other soft cloth. If
it is not still clear completely, blow on and wipe it.
5) Water droplets, etc. must be wiped off immediately since they may cause color changes, staining, etc., if
it remained for a long time.
6) Since LCD is made of glass substrate, dropping the module or banging it against hard objects may cause
cracking or fragmentation.
7) Since CMOS LSIs are equipped in this module, following countermeasures must be taken to avoid
electrostatics charge.
Panel surface
Viewing direction +θy
θ
y=0 °(Normal line)
-θ
y



Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com