Electronic Components Datasheet Search
  English  ▼

X  

HT66F40 Datasheet(PDF) 152 Page - Holtek Semiconductor Inc

Part # HT66F40
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F40 Datasheet(HTML) 152 Page - Holtek Semiconductor Inc

Back Button HT66F40 Datasheet HTML 148Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 149Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 150Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 151Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 152Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 153Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 154Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 155Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 156Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 244 page
background image
HT68F20/HT68F30/HT68F40/HT68F50/HT68F60
HT68FU30/HT68FU40/HT68FU50/HT68FU60
Rev. 1.60
152
October 24, 2011
Interrupts
Interrupts are an important part of any microcontroller
system. When an external event or an internal function
such as a Timer Module requires microcontroller atten-
tion, their corresponding interrupt will enforce a tempo-
rary suspension of the main program allowing the
microcontroller to direct attention to their respective
needs. The device contains several external interrupt
and internal interrupts functions. The external interrupts
are generated by the action of the external INT0~INT3
and PINT pins, while the internal interrupts are gener-
ated by various internal functions such as the TMs,
Comparators, Time Base, LVD, EEPROM and SIM.
Interrupt Registers
Overall interrupt control, which basically means the set-
ting of request flags when certain microcontroller condi-
tions occur and the setting of interrupt enable bits by the
application program, is controlled by a series of regis-
ters, located in the Special Purpose Data Memory, as
shown in the accompanying table. The number of regis-
ters depends upon the device chosen but fall into three
categories. The first is the INTC0~INTC3 registers
which setup the primary interrupts, the second is the
MFI0~MFI3 registers which setup the Multi-function in-
terrupts. Finally there is an INTEG register to setup the
external interrupt trigger edge type.
Each register contains a number of enable bits to enable
or disable individual registers as well as interrupt flags to
indicate the presence of an interrupt request. The nam-
ing convention of these follows a specific pattern. First is
listed an abbreviated interrupt type, then the (optional)
number of that interrupt followed by either an
²E² for en-
able/disable bit or
²F² for request flag.
Function
Enable
Bit
Request
Flag
Notes
Global
EMI
¾¾
Comparator
CPnE
CPnF
n=0or1
INTn Pin
INTnE
INTnF
n = 0~3
Multi-function
MFnE
MFnF
n = 0~5
Time Base
TBnE
TBnF
n=0or1
SIM
SIME
SIMF
¾
LVD
LVE
LVF
¾
EEPROM
DEE
DEF
¾
PINT Pin
XPE
XPF
¾
TM
TnPE
TnPF
n = 0~3
TnAE
TnAF
TnBE
TnBF
Interrupt Register Bit Naming Conventions
· Interrupt Register Contents
¨ HT68F20
Name
Bit
76543210
INTEG
¾¾¾¾
INT1S1
INT1S0
INT0S1
INT0S0
INTC0
¾
CP0F
INT1F
INT0F
CP0E
INT1E
INT0E
EMI
INTC1
¾
MF1F
MF0F
CP1F
¾
MF1E
MF0E
CP1E
INTC2
MF3F
TB1F
TB0F
MF2F
MF3E
TB1E
TB0E
MF2E
MFI0
¾¾
T0AF
T0PF
¾¾
T0AE
T0PE
MFI1
¾¾
T1AF
T1PF
¾¾
T1AE
T1PE
MFI2
DEF
LVF
XPF
SIMF
DEE
LVE
XPE
SIME



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com