Electronic Components Datasheet Search
  English  ▼

X  

LV5028TT Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # LV5028TT
Description  LED Driver IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV5028TT Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button LV5028TT Datasheet HTML 3Page - Sanyo Semicon Device LV5028TT Datasheet HTML 4Page - Sanyo Semicon Device LV5028TT Datasheet HTML 5Page - Sanyo Semicon Device LV5028TT Datasheet HTML 6Page - Sanyo Semicon Device LV5028TT Datasheet HTML 7Page - Sanyo Semicon Device LV5028TT Datasheet HTML 8Page - Sanyo Semicon Device LV5028TT Datasheet HTML 9Page - Sanyo Semicon Device LV5028TT Datasheet HTML 10Page - Sanyo Semicon Device LV5028TT Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LV5028TT
No.A1999-7/16
LED current and inductance setting
It is available to use both no-isolation and isolation applications.
(For non-isolation application)
The output current value is the average of the current value that flows during one cycle. The current value that flows into
coil is a triangular wave shown in the figure below. Make sure to set IL_PK so that (average of current value at one cycle)
is equal to (LED current value).
Given that the period when current flows into coil is
DutyI =
T_c+T_d
T
Ipk
×
1
2
× (Duty × T)/T = ILED
Ipk
×
2
× ILED
DutyI
(1) since
Ipk
×
VREF_IN
Rcs
Rcs
×
VFEF_IN
Ipk
=
DutyI
× VFEF_IN
2ILED
(2)
Since formula for LED current is different between on period and off period as shown above,
Ipk
×
Vac-V
ƒ
L
× T_c =
V
ƒ
L
× T_d (3)
Since T_c + T_d = DutyI
× T, T_c = DutyI × T - T_d (4)
Based on the result of (3) and (4), T_d = DutyI
× T ×
Vac-V
ƒ
Vac
(5)
To obtain L from the equation (1), (3), (5),
L
×
V
ƒ × DutyI
2
× ILED × DutyI × T =
Vac - V
ƒ
Vac
=
V
ƒ
2
× ILED ×
1
ƒosc ×
Vac - V
ƒ
Vac
× (DutyI)2 (6)
Since LED and inductor are connected in serial in non-isolation mode, LED current flows only when AC voltage exceed
VF.
Ipk: peak inductor current
Vf: LED forward voltage drop
Vac: effective value(R.M.S value)
VREF: Built-in reference voltage (0.605V)
VREF_IN: REF_IN voltage (6 pin)
Rs: External sense resistor
Vzd: Zener diode voltage (REF_IN pin)
RESET
REF_IN
CLK
Q
CS
VREF
(0.605V typ)
Rcs
a blockdiagram in outline
+
-
-
OUT
Vac
L
LED
R1
R2
Vzd
Inductor current
Inductor
current
FET
Vac
T
ON
OFF
Ipk
Ipk = (Vac-Vf)/L
× T_c
= Vf/L
× T_d
IL = Vac/L
× T
T_c
T_d
FET_on
FET_off
T (1cycle)
IL = Vf/L
× T
REF_IN
VREF (0.605V typ)/built-in reference
ILED slope is proportion to
Vac voltage (REF pin voltage)


Similar Part No. - LV5028TT

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5026M SANYO-LV5026M Datasheet
158Kb / 17P
LED Driver IC
LV5026MC SANYO-LV5026MC Datasheet
213Kb / 16P
LED Driver IC
LV5027M SANYO-LV5027M Datasheet
93Kb / 5P
LED Driver IC
LV5029MD SANYO-LV5029MD Datasheet
238Kb / 15P
LED Driver IC for LED Lighting
More results

Similar Description - LV5028TT

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6964 PTC-PT6964 Datasheet
317Kb / 5P
LED Driver IC
PT6959 PTC-PT6959 Datasheet
437Kb / 3P
LED Driver IC
PT6955 PTC-PT6955_10 Datasheet
586Kb / 19P
LED Driver IC
PT6959 PTC-PT6959_10 Datasheet
308Kb / 20P
LED Driver IC
PT6961 PTC-PT6961 Datasheet
577Kb / 18P
LED Driver IC
PT6965 PTC-PT6965 Datasheet
615Kb / 20P
LED Driver IC
logo
Rohm
BD8115F-M ROHM-BD8115F-M Datasheet
468Kb / 12P
LED Driver IC
logo
Sanyo Semicon Device
LV5027M SANYO-LV5027M Datasheet
93Kb / 5P
LED Driver IC
logo
IK Semicon Co., Ltd
IK2108A IKSEMICON-IK2108A Datasheet
547Kb / 21P
LED Driver IC
logo
Suntan Capacitors
MV1002SC SUNTAN-MV1002SC Datasheet
1Mb / 33P
LED driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com