Electronic Components Datasheet Search
  English  ▼

X  

LV5028TT Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part # LV5028TT
Description  LED Driver IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV5028TT Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button LV5028TT Datasheet HTML 5Page - Sanyo Semicon Device LV5028TT Datasheet HTML 6Page - Sanyo Semicon Device LV5028TT Datasheet HTML 7Page - Sanyo Semicon Device LV5028TT Datasheet HTML 8Page - Sanyo Semicon Device LV5028TT Datasheet HTML 9Page - Sanyo Semicon Device LV5028TT Datasheet HTML 10Page - Sanyo Semicon Device LV5028TT Datasheet HTML 11Page - Sanyo Semicon Device LV5028TT Datasheet HTML 12Page - Sanyo Semicon Device LV5028TT Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LV5028TT
No.A1999-9/16
(for Isolation circuit)
Using the circuit diagram below, the wave form of the current that flows to Np and Ns is as follows.
Current waveform flows to primary side and secondary.
[Inductance Lp of primary side and sense resistor Rs]
If a peak current flow to transformer is represented as Ipk_p, the power (Pin) charged to the transformer on primary side
can be represented as:
Pin =
1
2
× Lp × (Ipk_p)2 ×
ƒosc (11)
Ipk_p =
Vac
Lp
× Ton_p (12)
Lp =
Vac
2
× Ton_p2 ×
ƒosc
2
× Pin
=
Vac
2
× Don_p2
2
× Pin×
ƒosc
(13)
(Don_p =
Ton_p
T
= Ton_p
×
ƒosc),
To substitute the following to the formula below,
...η = Pout
Pin
(14)
∴Lp =
Vac
2
× Ton_p2 ×
ƒosc × η
2
× Pout
=
Vac
2
× Don2 ×
η
2
× Pout ×
ƒosc
(15)
RESET
REF_IN
CLK
Q
CS
VREF
(0.605V typ)
+
-
-
OUT
Vac
LP
(Np)
Ls
(Ns)
Rcs
R1
a blockdiagram in outline
R2
Vzd
Ip
Vac
T
T
Ipk_p = Vac/Lp
× Ton_p
Ipk_s = Vf/Ls
× Ton_s
Iout
(Ton_s)
ON
OFF
FET
REF_IN
VREF (0.605V)typ
(Primary side current)
Primary
side
Secondary
side
Is
Ipk_p
Ipk_s
(Secondary side current)
Ip (primary side)
Is (Secondary side current)
Ip slope is proportion to
Vac voltage (REF pin voltage)
T(1cycle)
FET_OFF
FET_ON
(Ton_p)
Is = Vf/Ls
× Ton_s
Ip = Vac/Lp
× Ton_p


Similar Part No. - LV5028TT

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5026M SANYO-LV5026M Datasheet
158Kb / 17P
   LED Driver IC
LV5026MC SANYO-LV5026MC Datasheet
213Kb / 16P
   LED Driver IC
LV5027M SANYO-LV5027M Datasheet
93Kb / 5P
   LED Driver IC
LV5029MD SANYO-LV5029MD Datasheet
238Kb / 15P
   LED Driver IC for LED Lighting
More results

Similar Description - LV5028TT

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IK2108A IKSEMICON-IK2108A Datasheet
547Kb / 21P
   LED Driver IC
logo
Princeton Technology Co...
PT6955 PTC-PT6955_10 Datasheet
586Kb / 19P
   LED Driver IC
PT6961 PTC-PT6961 Datasheet
577Kb / 18P
   LED Driver IC
logo
Sanyo Semicon Device
LV5027M SANYO-LV5027M Datasheet
93Kb / 5P
   LED Driver IC
logo
Princeton Technology Co...
PT6959 PTC-PT6959 Datasheet
437Kb / 3P
   LED Driver IC
PT6964 PTC-PT6964 Datasheet
317Kb / 5P
   LED Driver IC
PT6959 PTC-PT6959_10 Datasheet
308Kb / 20P
   LED Driver IC
PT6965 PTC-PT6965 Datasheet
615Kb / 20P
   LED Driver IC
logo
Rohm
BD8115F-M ROHM-BD8115F-M Datasheet
468Kb / 12P
   LED Driver IC
logo
Suntan Capacitors
MV1002SC SUNTAN-MV1002SC Datasheet
1Mb / 33P
   LED driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com