Electronic Components Datasheet Search
  English  ▼

X  

LV5028TT Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LV5028TT
Description  LED Driver IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV5028TT Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LV5028TT Datasheet HTML 1Page - Sanyo Semicon Device LV5028TT Datasheet HTML 2Page - Sanyo Semicon Device LV5028TT Datasheet HTML 3Page - Sanyo Semicon Device LV5028TT Datasheet HTML 4Page - Sanyo Semicon Device LV5028TT Datasheet HTML 5Page - Sanyo Semicon Device LV5028TT Datasheet HTML 6Page - Sanyo Semicon Device LV5028TT Datasheet HTML 7Page - Sanyo Semicon Device LV5028TT Datasheet HTML 8Page - Sanyo Semicon Device LV5028TT Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
D0711 SY 20111118-S00001 No.A1999-1/16
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
's products or
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment. The products mentioned herein
shall not be intended for use for any "special application" (medical equipment whose purpose is to sustain life,
aerospace instrument, nuclear control device, burning appliances, transportation machine, traffic signal system,
safety equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives
in case of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any
guarantee thereof. If you should intend to use our products for new introduction or other application different
from current conditions on the usage of automotive device, communication device, office equipment, industrial
equipment etc. , please consult with us about usage condition (temperature, operation time etc.) prior to the
intended use. If there is no consultation or inquiry before the intended use, our customer shall be solely
responsible for the use.
LV5028TT
Overview
LV5028TT is a High voltage LED drive controller which drives LED current up to 3A with external MOSFET.
LV5028TT is realized very simple LED circuits with a few external parts. It corresponds to various wide dimming
controls including the TRIAC dimming control.
Note) This LV5028TT is designed or developed for general use or consumer appliance. Therefore, it is NOT permitted
to use for automotive, communication, office equipment, industrial equipment.
Functions
• High voltage LED controller
• Selectable reference Voltage
• Switching frequency: 50kHz
-Internal 0.605V & External Input Voltage
• Soft Start function
• Low noise switching system/skip frequency function
• Built-in TRIAC stabilized function
- 5 stages skip mode Frequency
• Built-in circuit of detection of overvoltage of CS pin.
- Soft driving
• Corresponds to TRIAC stabilized
Specifications
Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum input voltage
VIN max (Note1)
-0.3 to 42
V
REF_OUT, REF_IN, CS,
PWM_D, ACS
-0.3 to 7
V
OUT1 pin
VOUT_abs
-0.3 to 42
V
OUT2 pin
VOUT2_abs
-0.3 to 42
V
Allowable power dissipation
Pd max
With specified board*
1.0
W
Continued on next page.
Bi-CMOS IC
LED Driver IC
Ordering number : ENA1999


Similar Part No. - LV5028TT

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5026M SANYO-LV5026M Datasheet
158Kb / 17P
   LED Driver IC
LV5026MC SANYO-LV5026MC Datasheet
213Kb / 16P
   LED Driver IC
LV5027M SANYO-LV5027M Datasheet
93Kb / 5P
   LED Driver IC
LV5029MD SANYO-LV5029MD Datasheet
238Kb / 15P
   LED Driver IC for LED Lighting
More results

Similar Description - LV5028TT

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IK2108A IKSEMICON-IK2108A Datasheet
547Kb / 21P
   LED Driver IC
logo
Princeton Technology Co...
PT6955 PTC-PT6955_10 Datasheet
586Kb / 19P
   LED Driver IC
PT6961 PTC-PT6961 Datasheet
577Kb / 18P
   LED Driver IC
logo
Sanyo Semicon Device
LV5027M SANYO-LV5027M Datasheet
93Kb / 5P
   LED Driver IC
logo
Princeton Technology Co...
PT6959 PTC-PT6959 Datasheet
437Kb / 3P
   LED Driver IC
PT6964 PTC-PT6964 Datasheet
317Kb / 5P
   LED Driver IC
PT6959 PTC-PT6959_10 Datasheet
308Kb / 20P
   LED Driver IC
PT6965 PTC-PT6965 Datasheet
615Kb / 20P
   LED Driver IC
logo
Rohm
BD8115F-M ROHM-BD8115F-M Datasheet
468Kb / 12P
   LED Driver IC
logo
Suntan Capacitors
MV1002SC SUNTAN-MV1002SC Datasheet
1Mb / 33P
   LED driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com