Electronic Components Datasheet Search
  English  ▼

X  

LV5028TT Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # LV5028TT
Description  LED Driver IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV5028TT Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button LV5028TT Datasheet HTML 6Page - Sanyo Semicon Device LV5028TT Datasheet HTML 7Page - Sanyo Semicon Device LV5028TT Datasheet HTML 8Page - Sanyo Semicon Device LV5028TT Datasheet HTML 9Page - Sanyo Semicon Device LV5028TT Datasheet HTML 10Page - Sanyo Semicon Device LV5028TT Datasheet HTML 11Page - Sanyo Semicon Device LV5028TT Datasheet HTML 12Page - Sanyo Semicon Device LV5028TT Datasheet HTML 13Page - Sanyo Semicon Device LV5028TT Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LV5028TT
No.A1999-10/16
Sense resistor is obtained as follows.
Rs =
VREF_IN
Ipk_p
=
VREF_IN
× Lp
Vac
× Ton_p =
VREF_IN
× Lp
Vac
× Don_p × T
(16)
[Inductance Ls of secondary side]
Since output current Iout is the average value of current flows to transformer of secondary side
Iout = Ipk_s
×
Ton_s
T
×
1
2
=
Ipk_s
× Don_s
2
(Don_s =
Ton_s
T
= Ton_s
×
ƒosc) (17)
Ipk_s =
Vout
Ls
× Ton_s =
Vout
Ls
=
Don_s
ƒosc
(18)
Ls =
Vout
× T × Don_s2
2
× Iout
=
Vout
× Don_s2
2
× Iout ×
ƒosc =
Vout
2
× Don_s2
2
× Pout ×
ƒosc (19)
Calculation of the ratio of transformer coil on primary side and secondary side
Since ratio and inductance of transformer coil is
Ns
Np
=
√Ls
√Lp
(20)
substituted equations (15), (19) for (20)
Np
Ns
=
Vac
Vout
× √
η ×
Don_p
Don_s
(21)
Calculation of transformer coil on primary side and secondary side
N =
Vac
× 108
2
× ΔB × Ae ×
ƒosc (22)
ΔB: variation range of core flux density [Gauss]
Ae: core section area [cm
2]
To use Al (L value at 100T),
N =
L
Al
× 102
(23)
L: inductance [
μH]
Al: L value at 100T [uH/N
2]
lg (Air gap) is obtained as follows:
lg =
μ
r μ0 N
2 A
e 10
2
L
(24)
μr: relative magnetic permeability, μr = 1
μ0: vacuum magnetic permeability μ0 = 4π*10-7
N: turn count [T]
Ae: core section area [m
2]
L: inductance [H]


Similar Part No. - LV5028TT

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5026M SANYO-LV5026M Datasheet
158Kb / 17P
   LED Driver IC
LV5026MC SANYO-LV5026MC Datasheet
213Kb / 16P
   LED Driver IC
LV5027M SANYO-LV5027M Datasheet
93Kb / 5P
   LED Driver IC
LV5029MD SANYO-LV5029MD Datasheet
238Kb / 15P
   LED Driver IC for LED Lighting
More results

Similar Description - LV5028TT

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IK2108A IKSEMICON-IK2108A Datasheet
547Kb / 21P
   LED Driver IC
logo
Princeton Technology Co...
PT6955 PTC-PT6955_10 Datasheet
586Kb / 19P
   LED Driver IC
PT6961 PTC-PT6961 Datasheet
577Kb / 18P
   LED Driver IC
logo
Sanyo Semicon Device
LV5027M SANYO-LV5027M Datasheet
93Kb / 5P
   LED Driver IC
logo
Princeton Technology Co...
PT6959 PTC-PT6959 Datasheet
437Kb / 3P
   LED Driver IC
PT6964 PTC-PT6964 Datasheet
317Kb / 5P
   LED Driver IC
PT6959 PTC-PT6959_10 Datasheet
308Kb / 20P
   LED Driver IC
PT6965 PTC-PT6965 Datasheet
615Kb / 20P
   LED Driver IC
logo
Rohm
BD8115F-M ROHM-BD8115F-M Datasheet
468Kb / 12P
   LED Driver IC
logo
Suntan Capacitors
MV1002SC SUNTAN-MV1002SC Datasheet
1Mb / 33P
   LED driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com