Electronic Components Datasheet Search
  English  ▼

X  

LV5028TT Datasheet(PDF) 11 Page - Sanyo Semicon Device

Part # LV5028TT
Description  LED Driver IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV5028TT Datasheet(HTML) 11 Page - Sanyo Semicon Device

Back Button LV5028TT Datasheet HTML 7Page - Sanyo Semicon Device LV5028TT Datasheet HTML 8Page - Sanyo Semicon Device LV5028TT Datasheet HTML 9Page - Sanyo Semicon Device LV5028TT Datasheet HTML 10Page - Sanyo Semicon Device LV5028TT Datasheet HTML 11Page - Sanyo Semicon Device LV5028TT Datasheet HTML 12Page - Sanyo Semicon Device LV5028TT Datasheet HTML 13Page - Sanyo Semicon Device LV5028TT Datasheet HTML 14Page - Sanyo Semicon Device LV5028TT Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LV5028TT
No.A1999-11/16
Bleeder current cuircuit for TRIAC dimmer
1. Operating voltage setting
ACS pin voltage set operating voltage at OUT2. ACS pin threshold volage is 3V typ.
OUT2 operating voltage is set by R1 and R2. R1 and R2 is determined below.
ACS = Vac
×
R2
R1+R2
2. Bleeder current setting
Rd set hold current at Triac dimmer.
Bleeder current is set at Rd depending on Triac dimmer.
a blockdiagram in outline
a blockdiagram in outline
ACS
VACS
(3V typ)
+
-
OUT2
Rd
R2
R1
VAC voltage is Low,
OUT2 is High voltage
Triac dimmer, OFF
Bleeder circuit, ON (OUT2; high)
VACS (3V typ)
min
on
min
on
on
on
on
on
on
off
off
off
Vac
ACS
OUT2
OUT


Similar Part No. - LV5028TT

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5026M SANYO-LV5026M Datasheet
158Kb / 17P
LED Driver IC
LV5026MC SANYO-LV5026MC Datasheet
213Kb / 16P
LED Driver IC
LV5027M SANYO-LV5027M Datasheet
93Kb / 5P
LED Driver IC
LV5029MD SANYO-LV5029MD Datasheet
238Kb / 15P
LED Driver IC for LED Lighting
More results

Similar Description - LV5028TT

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IK2108A IKSEMICON-IK2108A Datasheet
547Kb / 21P
LED Driver IC
logo
Princeton Technology Co...
PT6955 PTC-PT6955_10 Datasheet
586Kb / 19P
LED Driver IC
PT6961 PTC-PT6961 Datasheet
577Kb / 18P
LED Driver IC
logo
Sanyo Semicon Device
LV5027M SANYO-LV5027M Datasheet
93Kb / 5P
LED Driver IC
logo
Princeton Technology Co...
PT6959 PTC-PT6959 Datasheet
437Kb / 3P
LED Driver IC
PT6964 PTC-PT6964 Datasheet
317Kb / 5P
LED Driver IC
PT6959 PTC-PT6959_10 Datasheet
308Kb / 20P
LED Driver IC
PT6965 PTC-PT6965 Datasheet
615Kb / 20P
LED Driver IC
logo
Rohm
BD8115F-M ROHM-BD8115F-M Datasheet
468Kb / 12P
LED Driver IC
logo
Suntan Capacitors
MV1002SC SUNTAN-MV1002SC Datasheet
1Mb / 33P
LED driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com