Electronic Components Datasheet Search
  English  ▼

X  

LV5028TT Datasheet(PDF) 14 Page - Sanyo Semicon Device

Part # LV5028TT
Description  LED Driver IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV5028TT Datasheet(HTML) 14 Page - Sanyo Semicon Device

Back Button LV5028TT Datasheet HTML 8Page - Sanyo Semicon Device LV5028TT Datasheet HTML 9Page - Sanyo Semicon Device LV5028TT Datasheet HTML 10Page - Sanyo Semicon Device LV5028TT Datasheet HTML 11Page - Sanyo Semicon Device LV5028TT Datasheet HTML 12Page - Sanyo Semicon Device LV5028TT Datasheet HTML 13Page - Sanyo Semicon Device LV5028TT Datasheet HTML 14Page - Sanyo Semicon Device LV5028TT Datasheet HTML 15Page - Sanyo Semicon Device LV5028TT Datasheet HTML 16Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
LV5028TT
No.A1999-14/16
VREF – Ta
0.58
0.59
0.6
0.61
0.62
0.63
2.8
2.9
3
3.1
3.2
--50
50
0
100
0
50
100
0
50
100
0
50
100
0
50
100
0
50
100
0
50
100
0
50
100
150
150
Ambient temperature, Ta --
°C
REFOUT – Ta
--50
Ambient temperature, Ta --
°C
UVLOON, UVLOOFF – Ta
5
6
7
8
9
10
--50
150
Ambient temperature, Ta --
°C
UVLOH – Ta
0
0.5
1
1.5
2
2.5
3
--50
150
Ambient temperature, Ta --
°C
Ambient temperature, Ta --
°C
FOSC1 – Ta
40
45
50
55
60
--50
150
Ambient temperature, Ta --
°C
FOSC2 – Ta
60
65
70
75
80
--50
150
Ambient temperature, Ta --
°C
VIO_VR – Ta
--0.005
--0.003
--0.001
0.001
0.003
0.005
--50
150
Ambient temperature, Ta --
°C
VOFF, VON – Ta
1
1.2
1.4
1.6
1.8
2
--50
150
V IN
=
12V
UVLOOFF
UVLOON
IREF_OUT = 0.5mA
VIN = 12V
VIN = 24V
VIN = 8.5V
V IN
=
24V
V IN
=
8.5V


Similar Part No. - LV5028TT

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5026M SANYO-LV5026M Datasheet
158Kb / 17P
LED Driver IC
LV5026MC SANYO-LV5026MC Datasheet
213Kb / 16P
LED Driver IC
LV5027M SANYO-LV5027M Datasheet
93Kb / 5P
LED Driver IC
LV5029MD SANYO-LV5029MD Datasheet
238Kb / 15P
LED Driver IC for LED Lighting
More results

Similar Description - LV5028TT

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IK2108A IKSEMICON-IK2108A Datasheet
547Kb / 21P
LED Driver IC
logo
Princeton Technology Co...
PT6955 PTC-PT6955_10 Datasheet
586Kb / 19P
LED Driver IC
PT6961 PTC-PT6961 Datasheet
577Kb / 18P
LED Driver IC
logo
Sanyo Semicon Device
LV5027M SANYO-LV5027M Datasheet
93Kb / 5P
LED Driver IC
logo
Princeton Technology Co...
PT6959 PTC-PT6959 Datasheet
437Kb / 3P
LED Driver IC
PT6964 PTC-PT6964 Datasheet
317Kb / 5P
LED Driver IC
PT6959 PTC-PT6959_10 Datasheet
308Kb / 20P
LED Driver IC
PT6965 PTC-PT6965 Datasheet
615Kb / 20P
LED Driver IC
logo
Rohm
BD8115F-M ROHM-BD8115F-M Datasheet
468Kb / 12P
LED Driver IC
logo
Suntan Capacitors
MV1002SC SUNTAN-MV1002SC Datasheet
1Mb / 33P
LED driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com