Electronic Components Datasheet Search
  English  ▼

X  

LV5028TT Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LV5028TT
Description  LED Driver IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV5028TT Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LV5028TT Datasheet HTML 1Page - Sanyo Semicon Device LV5028TT Datasheet HTML 2Page - Sanyo Semicon Device LV5028TT Datasheet HTML 3Page - Sanyo Semicon Device LV5028TT Datasheet HTML 4Page - Sanyo Semicon Device LV5028TT Datasheet HTML 5Page - Sanyo Semicon Device LV5028TT Datasheet HTML 6Page - Sanyo Semicon Device LV5028TT Datasheet HTML 7Page - Sanyo Semicon Device LV5028TT Datasheet HTML 8Page - Sanyo Semicon Device LV5028TT Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LV5028TT
No.A1999-2/16
Continued from preceding page.
Parameter
Symbol
Conditions
Ratings
Unit
Junction temperature
Tj
150
°C
Operating junction temperature
Topj (Note2)
-30 to +125
°C
Storage temperature
Tstg
-40 to +150
°C
*1 Specified board: 58.0mm × 54.0mm × 1.6mm (glass epoxy board)
Note1) Absolute maximum ratings represent the values which cannot be exceeded for any length of time.
Note2) Even when the device is used within the range of absolute maximum ratings, as a result of continuous usage under high temperature, high current, high
voltage, or drastic temperature change, the reliability of the IC may be degraded. Please contact us for the further details.
Recommended Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Input voltage
VIN
8.5 to 24
V
* Note : supply the stabilized voltage.
Electrical Characteristics at Ta
= 25°C, VCC = 5.0V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Reference voltage block
Built-in reference voltage
VREF
0.585
0.605
0.625
V
VREF VIN line regulation
VREF_LN
VIN = 8.5 to 24V
±0.5
%
Reference output voltage
REFOUT
IREFOUT = 0.5mA
3.0
V
- Maximum load
REFOUT_MAX
0.5
mA
- equivalent output impedance
REFOUT_RO
10
Ω
Under voltage lockout
Operation start Input voltage
UVLOON
8
9
10
V
Operation stop input voltage
UVLOOFF
6.3
7.3
8.3
V
Hysteresis voltage
UVLOH
1.7
V
Oscillation
Frequency
FOSC
40
50
60
kHz
Maximum ON duty
MAXDuty
93
%
Comparator
Input offset voltage
(Between CS and VREF)
VIO_VR
1
10
mV
Input offset voltage
(Between CS and REFOUT)
VIO_RI
1
10
mV
Input current
IIOSC
160
nA
IIOREF
80
nA
CS pin max voltage
VOM
1
V
malfunction prevention mask
time
TMSK
150
ns
Thermal protection circuit
Thermal shutdown temperature
TSD
*Design guarantee
165
°C
Thermal shutdown hysteresis
ΔTSD
*Design guarantee
30
°C
Drive Circuit
OUT sink current
IOI
500
1000
mA
OUT source current
IOO
120
mA
Minimum On time
TMIN
200
300
ns
TRIAC Stabilization circuit
Threshold of OUT2
VACS
OUT2 = High [less than right record]
2.8
3.0
3.2
V
OUT2 sink current
IO2I
VIN = 12V, OUT2 = 6V
0.6
mA
OUT2 source current
IO2O
VIN = 12V, OUT2 = 6V
0.6
mA
VCC current
UVLO mode VIN current
ICCOFF
VIN < UVLOON
80
120
μA
Normal mode VIN current
ICCON
VIN > UVLOON, OUT = OPEN
0.8
mA
Continued on next page.


Similar Part No. - LV5028TT

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5026M SANYO-LV5026M Datasheet
158Kb / 17P
   LED Driver IC
LV5026MC SANYO-LV5026MC Datasheet
213Kb / 16P
   LED Driver IC
LV5027M SANYO-LV5027M Datasheet
93Kb / 5P
   LED Driver IC
LV5029MD SANYO-LV5029MD Datasheet
238Kb / 15P
   LED Driver IC for LED Lighting
More results

Similar Description - LV5028TT

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IK2108A IKSEMICON-IK2108A Datasheet
547Kb / 21P
   LED Driver IC
logo
Princeton Technology Co...
PT6955 PTC-PT6955_10 Datasheet
586Kb / 19P
   LED Driver IC
PT6961 PTC-PT6961 Datasheet
577Kb / 18P
   LED Driver IC
logo
Sanyo Semicon Device
LV5027M SANYO-LV5027M Datasheet
93Kb / 5P
   LED Driver IC
logo
Princeton Technology Co...
PT6959 PTC-PT6959 Datasheet
437Kb / 3P
   LED Driver IC
PT6964 PTC-PT6964 Datasheet
317Kb / 5P
   LED Driver IC
PT6959 PTC-PT6959_10 Datasheet
308Kb / 20P
   LED Driver IC
PT6965 PTC-PT6965 Datasheet
615Kb / 20P
   LED Driver IC
logo
Rohm
BD8115F-M ROHM-BD8115F-M Datasheet
468Kb / 12P
   LED Driver IC
logo
Suntan Capacitors
MV1002SC SUNTAN-MV1002SC Datasheet
1Mb / 33P
   LED driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com