Electronic Components Datasheet Search
  English  ▼

X  

LV5028TT Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LV5028TT
Description  LED Driver IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV5028TT Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LV5028TT Datasheet HTML 1Page - Sanyo Semicon Device LV5028TT Datasheet HTML 2Page - Sanyo Semicon Device LV5028TT Datasheet HTML 3Page - Sanyo Semicon Device LV5028TT Datasheet HTML 4Page - Sanyo Semicon Device LV5028TT Datasheet HTML 5Page - Sanyo Semicon Device LV5028TT Datasheet HTML 6Page - Sanyo Semicon Device LV5028TT Datasheet HTML 7Page - Sanyo Semicon Device LV5028TT Datasheet HTML 8Page - Sanyo Semicon Device LV5028TT Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LV5028TT
No.A1999-3/16
Continued from preceding page.
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
VIN over voltage protection circuit
VIN over voltage protection
voltage
VINOVP
24
27
30
V
VIN current at OVP
IINOVP
VIN = 30V
0.7
1.0
1.5
mA
CS terminal abnormal sensing circuit
Abnormal sensing voltage
CSOCP
1.9
V
*: Design guarantee (value guaranteed by design and not tested before shipment)
Package Dimensions
unit : mm (typ)
3245B
Pin Assignment
SANYO : MSOP8(150mil)
3.0
12
8
0.25
0.65
(0.53)
0.125
LV5028TT
(Top view)
1
ACS
2
REF_OUT
3
REF_IN
4
CS
5 OUT2
6VIN
7
8
OUT
GND


Similar Part No. - LV5028TT

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5026M SANYO-LV5026M Datasheet
158Kb / 17P
   LED Driver IC
LV5026MC SANYO-LV5026MC Datasheet
213Kb / 16P
   LED Driver IC
LV5027M SANYO-LV5027M Datasheet
93Kb / 5P
   LED Driver IC
LV5029MD SANYO-LV5029MD Datasheet
238Kb / 15P
   LED Driver IC for LED Lighting
More results

Similar Description - LV5028TT

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IK2108A IKSEMICON-IK2108A Datasheet
547Kb / 21P
   LED Driver IC
logo
Princeton Technology Co...
PT6955 PTC-PT6955_10 Datasheet
586Kb / 19P
   LED Driver IC
PT6961 PTC-PT6961 Datasheet
577Kb / 18P
   LED Driver IC
logo
Sanyo Semicon Device
LV5027M SANYO-LV5027M Datasheet
93Kb / 5P
   LED Driver IC
logo
Princeton Technology Co...
PT6959 PTC-PT6959 Datasheet
437Kb / 3P
   LED Driver IC
PT6964 PTC-PT6964 Datasheet
317Kb / 5P
   LED Driver IC
PT6959 PTC-PT6959_10 Datasheet
308Kb / 20P
   LED Driver IC
PT6965 PTC-PT6965 Datasheet
615Kb / 20P
   LED Driver IC
logo
Rohm
BD8115F-M ROHM-BD8115F-M Datasheet
468Kb / 12P
   LED Driver IC
logo
Suntan Capacitors
MV1002SC SUNTAN-MV1002SC Datasheet
1Mb / 33P
   LED driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com