Electronic Components Datasheet Search
  English  ▼

X  

LV5028TT Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LV5028TT
Description  LED Driver IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV5028TT Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LV5028TT Datasheet HTML 1Page - Sanyo Semicon Device LV5028TT Datasheet HTML 2Page - Sanyo Semicon Device LV5028TT Datasheet HTML 3Page - Sanyo Semicon Device LV5028TT Datasheet HTML 4Page - Sanyo Semicon Device LV5028TT Datasheet HTML 5Page - Sanyo Semicon Device LV5028TT Datasheet HTML 6Page - Sanyo Semicon Device LV5028TT Datasheet HTML 7Page - Sanyo Semicon Device LV5028TT Datasheet HTML 8Page - Sanyo Semicon Device LV5028TT Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LV5028TT
No.A1999-5/16
Pin Functions
Pin No.
Pin name
Pin function
Equivalent circuit
1
ACS
ACS pin senses AC Voltage.
If this function isn’t used, please connect GND.
VIN
ACS
GND
2
REF_OUT
Built-in 3V Regulate out Pin.
If this function isn’t used, please connect to nothing.
VIN
VREF-OUT
(3V typ)
GND
3
REF_IN
External LED current Limit Setting pin. If less than
VREF (0.61V) voltage is input, Peak current value is
used at the input voltage. If more than REF_IN voltage
is input, it is done at VREF voltage. If this function isn’t
used, please connect nothing.
VIN
REF_IN
CS
GND
4
CS
LED current sensing in. If this terminal voltage
exceeds VREF (Or REF_IN), external FET is OFF.
And if the voltage of the terminal exceeds 1.9V,
LV5028TT turns to latch-off mod
VIN
REF_IN
CS
GND
5
GND
GND pin.
VIN
OUT
GND
6
OUT
Driving the external FET Gate Pin.
7
VIN
Power supply pin. Operation
: VIN > UVLOON Stop: VIN < UVLOOFF
Switching Stop : VIN > VINOVP
8
OUT2
This pin drive the FET which is stabilized the TRIAC
dimming application.
If ACS is less than 3V, OUT2 turn High voltage.
If this function isn’t used, please connect nothing.
1k
Ω
VIN
OUT2
GND


Similar Part No. - LV5028TT

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5026M SANYO-LV5026M Datasheet
158Kb / 17P
   LED Driver IC
LV5026MC SANYO-LV5026MC Datasheet
213Kb / 16P
   LED Driver IC
LV5027M SANYO-LV5027M Datasheet
93Kb / 5P
   LED Driver IC
LV5029MD SANYO-LV5029MD Datasheet
238Kb / 15P
   LED Driver IC for LED Lighting
More results

Similar Description - LV5028TT

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IK2108A IKSEMICON-IK2108A Datasheet
547Kb / 21P
   LED Driver IC
logo
Princeton Technology Co...
PT6955 PTC-PT6955_10 Datasheet
586Kb / 19P
   LED Driver IC
PT6961 PTC-PT6961 Datasheet
577Kb / 18P
   LED Driver IC
logo
Sanyo Semicon Device
LV5027M SANYO-LV5027M Datasheet
93Kb / 5P
   LED Driver IC
logo
Princeton Technology Co...
PT6959 PTC-PT6959 Datasheet
437Kb / 3P
   LED Driver IC
PT6964 PTC-PT6964 Datasheet
317Kb / 5P
   LED Driver IC
PT6959 PTC-PT6959_10 Datasheet
308Kb / 20P
   LED Driver IC
PT6965 PTC-PT6965 Datasheet
615Kb / 20P
   LED Driver IC
logo
Rohm
BD8115F-M ROHM-BD8115F-M Datasheet
468Kb / 12P
   LED Driver IC
logo
Suntan Capacitors
MV1002SC SUNTAN-MV1002SC Datasheet
1Mb / 33P
   LED driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com