Electronic Components Datasheet Search
  English  ▼

X  

PIC10F320 Datasheet(PDF) 111 Page - Microchip Technology

Part # PIC10F320
Description  6/8-Pin, High-Performance, Flash Microcontrollers
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10F320 Datasheet(HTML) 111 Page - Microchip Technology

Back Button PIC10F320 Datasheet HTML 107Page - Microchip Technology PIC10F320 Datasheet HTML 108Page - Microchip Technology PIC10F320 Datasheet HTML 109Page - Microchip Technology PIC10F320 Datasheet HTML 110Page - Microchip Technology PIC10F320 Datasheet HTML 111Page - Microchip Technology PIC10F320 Datasheet HTML 112Page - Microchip Technology PIC10F320 Datasheet HTML 113Page - Microchip Technology PIC10F320 Datasheet HTML 114Page - Microchip Technology PIC10F320 Datasheet HTML 115Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 210 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41585A-page 111
PIC10(L)F320/322
18.2
PWM Register Definitions
REGISTER 18-1:
PWMxCON: PWM CONTROL REGISTER
R/W-0/0
R/W-0/0
R-0/0
R/W-0/0
U-0
U-0
U-0
U-0
PWMxEN
PWMxOE
PWMxOUT
PWMxPOL
—
—
—
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7
PWMxEN:
PWM Module Enable bit
1
= PWM module is enabled
0
= PWM module is disabled
bit 6
PWMxOE:
PWM Module Output Enable bit
1
= Output to PWMx pin is enabled
0
= Output to PWMx pin is disabled
bit 5
PWMxOUT:
PWM Module Output Value bit
bit 4
PWMxPOL:
PWMx Output Polarity Select bit
1
= PWM output is active low.
0
= PWM output is active high.
bit 3-0
Unimplemented:
Read as ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com