Electronic Components Datasheet Search
  English  ▼

X  

PIC10F320 Datasheet(PDF) 127 Page - Microchip Technology

Part # PIC10F320
Description  6/8-Pin, High-Performance, Flash Microcontrollers
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10F320 Datasheet(HTML) 127 Page - Microchip Technology

Back Button PIC10F320 Datasheet HTML 123Page - Microchip Technology PIC10F320 Datasheet HTML 124Page - Microchip Technology PIC10F320 Datasheet HTML 125Page - Microchip Technology PIC10F320 Datasheet HTML 126Page - Microchip Technology PIC10F320 Datasheet HTML 127Page - Microchip Technology PIC10F320 Datasheet HTML 128Page - Microchip Technology PIC10F320 Datasheet HTML 129Page - Microchip Technology PIC10F320 Datasheet HTML 130Page - Microchip Technology PIC10F320 Datasheet HTML 131Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 210 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41585A-page 127
PIC10(L)F320/322
TABLE 19-3:
SUMMARY OF REGISTERS ASSOCIATED WITH CLCx
Name
Bit7
Bit6
Bit5
Bit4
BIt3
Bit2
Bit1
Bit0
Register
on Page
CLC1CON
LC1EN
LC1OE
LC1OUT
LC1INTP
LC1INTN
LC1MODE<2:0>
119
CLC1GLS0
LC1G1D4T
LC1G1D4N
LC1G1D3T
LC1G1D3N
LC1G1D2T
LC1G1D2N
LC1G1D1T
LC1G1D1N
123
CLC1GLS1
LC1G2D4T
LC1G2D4N
LC1G2D3T
LC1G2D3N
LC1G2D2T
LC1G2D2N
LC1G2D1T
LC1G2D1N
124
CLC1GLS2
LC1G3D4T
LC1G3D4N
LC1G3D3T
LC1G3D3N
LC1G3D2T
LC1G3D2N
LC1G3D1T
LC1G3D1N
125
CLC1GLS3
LC1G4D4T
LC1G4D4N
LC1G4D3T
LC1G4D3N
LC1G4D2T
LC1G4D2N
LC1G4D1T
LC1G4D1N
126
CLC1POL
LC1POL
—
—
—
LC1G4POL
LC1G3POL
LC1G2POL LC1G1POL
120
CLC1SEL0
—
LC1D2S<2:0>
—
LC1D1S<2:0>
121
CLC1SEL1
—
LC1D4S<2:0>
—
LC1D3S<2:0>
122
INTCON
GIE
PEIE
TMR0IE
INTE
IOCIE
TMR0IF
INTF
IOCIF
46
PIE1
—
ADIE
—
NCO1IE
CLC1IE
—
TMR2IE
—
47
PIR1
—
ADIF
—
NCO1IF
CLC1IF
—
TMR2IF
—
48
TRISA
—
—
—
—
—
TRISA2
TRISA1
TRISA0
77
Legend:
— = unimplemented read as ‘0’. Shaded cells are not used for CLC module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com