Electronic Components Datasheet Search
  English  ▼

X  

PIC10F320 Datasheet(PDF) 132 Page - Microchip Technology

Part # PIC10F320
Description  6/8-Pin, High-Performance, Flash Microcontrollers
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10F320 Datasheet(HTML) 132 Page - Microchip Technology

Back Button PIC10F320 Datasheet HTML 128Page - Microchip Technology PIC10F320 Datasheet HTML 129Page - Microchip Technology PIC10F320 Datasheet HTML 130Page - Microchip Technology PIC10F320 Datasheet HTML 131Page - Microchip Technology PIC10F320 Datasheet HTML 132Page - Microchip Technology PIC10F320 Datasheet HTML 133Page - Microchip Technology PIC10F320 Datasheet HTML 134Page - Microchip Technology PIC10F320 Datasheet HTML 135Page - Microchip Technology PIC10F320 Datasheet HTML 136Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 210 page
background image
PIC10(L)F320/322
DS41585A-page 132
Preliminary
 2011 Microchip Technology Inc.
20.2
FIXED DUTY CYCLE (FDC) MODE
In Fixed Duty Cycle (FDC) mode, every time the
Accumulator overflows, the output is toggled. This
provides a 50% duty cycle, provided that the increment
value remains constant. For more information, see
Figure 20-2.
The FDC mode is selected by clearing the NxPFM bit
in the NCOxCON register.
20.3
PULSE FREQUENCY (PF) MODE
In Pulse Frequency (PF) mode, every time the Accu-
mulator overflows, the output becomes active for one
or more clock periods. See Section 20.3.1 “OUTPUT
PULSE WIDTH CONTROL”
for more information.
Once the clock period expires, the output returns to an
inactive state. This provides a pulsed output.
The output becomes active on the rising clock edge
immediately following the overflow event. For more
information, see Figure 20-2.
The value of the active and inactive states depends on
the Polarity bit, NxPOL in the NCOxCON register.
The PF mode is selected by setting the NxPFM bit in
the NCOxCON register.
20.3.1
OUTPUT PULSE WIDTH CONTROL
When operating in PF mode, the active state of the out-
put can vary in width by multiple clock periods. Various
pulse widths are selected with the NxPWS<2:0> bits in
the NCOxCLK register.
When the selected pulse width is greater than the
Accumulator overflow time frame, then NCOx opera-
tion is undefined.
20.4
OUTPUT POLARITY CONTROL
The last stage in the NCOx module is the output polar-
ity. The NxPOL bit in the NCOxCON register selects the
output polarity. Changing the polarity while the inter-
rupts are enabled will cause an interrupt for the result-
ing output transition.
The NCOx output can be used internally by source
code or other peripherals. This is done by reading the
NxOUT (read-only) bit of the NCOxCON register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com