Electronic Components Datasheet Search
  English  ▼

X  

PIC10F320 Datasheet(PDF) 174 Page - Microchip Technology

Part # PIC10F320
Description  6/8-Pin, High-Performance, Flash Microcontrollers
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10F320 Datasheet(HTML) 174 Page - Microchip Technology

Back Button PIC10F320 Datasheet HTML 170Page - Microchip Technology PIC10F320 Datasheet HTML 171Page - Microchip Technology PIC10F320 Datasheet HTML 172Page - Microchip Technology PIC10F320 Datasheet HTML 173Page - Microchip Technology PIC10F320 Datasheet HTML 174Page - Microchip Technology PIC10F320 Datasheet HTML 175Page - Microchip Technology PIC10F320 Datasheet HTML 176Page - Microchip Technology PIC10F320 Datasheet HTML 177Page - Microchip Technology PIC10F320 Datasheet HTML 178Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 210 page
background image
PIC10(L)F320/322
DS41585A-page 174
Preliminary
 2011 Microchip Technology Inc.
D017
Supply Current (IDD)(1, 2)
—
130
—
A1.8
FOSC = 500 kHz
HFINTOSC mode
—
190
—
A3.0
D017
—
150
—
A
2.3
FOSC = 500 kHz
HFINTOSC mode
—
210
—
A
3.0
—
270
—
A
5.0
D018
—
800
—
A1.8
FOSC = 8 MHz
HFINTOSC mode
—
1300
—
A3.0
D018
—
0.85
—
mA
2.3
FOSC = 8 MHz
HFINTOSC mode
—
1.4
—
mA
3.0
—
1.6
—
mA
5.0
D019
—
1.25
—
mA
1.8
FOSC = 16 MHz
HFINTOSC mode
—2.0
—
mA
3.0
D019
—
1.4
—
mA
2.3
FOSC = 16 MHz
HFINTOSC mode
—
2.2
—
mA
3.0
—
2.4
—
mA
5.0
24.2
DC Characteristics: PIC10(L)F320/322-I/E (Industrial, Extended) (Continued)
PIC10LF320/322
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for industrial
-40°C
 TA  +125°C for extended
PIC10F320/322
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for industrial
-40°C
 TA  +125°C for extended
Param
No.
Device
Characteristics
Min.
Typ†
Max.
Units
Conditions
VDD
Note
Note
1:
The test conditions for all IDD measurements in active operation mode are: CLKIN = external square wave, from
rail-to-rail; all I/O pins tri-stated, pulled to VDD; MCLR = VDD; WDT disabled.
2:
The supply current is mainly a function of the operating voltage and frequency. Other factors, such as I/O pin loading
and switching rate, oscillator type, internal code execution pattern and temperature, also have an impact on the current
consumption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com