Electronic Components Datasheet Search
  English  ▼

X  

LR3360 Datasheet(PDF) 7 Page - Siemens Semiconductor Group

Part # LR3360
Description  T1(3mm) LED LAMP
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LR3360 Datasheet(HTML) 7 Page - Siemens Semiconductor Group

  LR3360 Datasheet HTML 1Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 7 / 1 page
background image
Semiconductor Group
7
1998-07-13
Zulässige Impulsbelastbarkeit
I
F = f (tP)
Permissible pulse handling capability
Duty cycle D = parameter,
T
A = 25 °C
LP
Wellenlänge der Strahlung
λ
peak = f (TA)
Wavelength at peak emission
I
F = 20 mA
Maximal zulässiger Durchlaßstrom
Max. permissible forward current
I
F = f (TA)
Dominantwellenlänge
λ
dom = f (TA)
Dominant wavelength
I
F = 20 mA
OHL01686
s
10-5
10-4
10-3
10-2
10-1
100
101
t
D
Ι
T
T
P
F
t P
=
D = 0.005
0.01
0.02
0.05
0.2
0.5
DC
10 1
5
Ι
F
t
2
10
0.1
p
10 3
mA
LR 3360, LS 3360, LO 3360
LY 3360, LG 3360, LP 3360



Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com