Electronic Components Datasheet Search
  English  ▼

X  

MPC5744P Datasheet(PDF) 109 Page - Freescale Semiconductor, Inc

Part # MPC5744P
Description  MPC5744P Data Sheet
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5744P Datasheet(HTML) 109 Page - Freescale Semiconductor, Inc

Back Button MPC5744P Datasheet HTML 105Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 106Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 107Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 108Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 109Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 110Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 111Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 112Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 113Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 114 page
background image
Electrical characteristics
MPC5744P Data Sheet, Rev. 0.3
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
109
3.17.7.3
TxD
Figure 43. FlexRay TxD signal
Table 49. TxD output characteristics
Name
Description1
NOTES:
1All parameters specified for V
DD_HV_IOx = 3.3 V -5%, +10%, TJ = –40
oC / 165 oC, TxD pin load maximum 25 pF.
Min
Max
Unit
dCCTxAsym
Asymmetry of sending CC @ 25 pF load
(=dCCTxD50% -100 ns)
–2.45
2.45
ns
dCCTxDRISE25+dCCTxDFALL25
Sum of Rise and Fall time of TxD signal at the output
—9
ns
dCCTxD01
Sum of delay between Clk to Q of the last FF and the final
output buffer, rising edge
—25
ns
dCCTxD10
Sum of delay between Clk to Q of the last FF and the final
output buffer, falling edge
—25
ns
dCCTxD50%
TxD
dCCTxDFALL
dCCTxDRISE
20 %
50 %
80 %



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com