Electronic Components Datasheet Search
  English  ▼

X  

SPX1582T Datasheet(PDF) 6 Page - Sipex Corporation

Part # SPX1582T
Description  3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1582T Datasheet(HTML) 6 Page - Sipex Corporation

  SPX1582T Datasheet HTML 1Page - Sipex Corporation SPX1582T Datasheet HTML 2Page - Sipex Corporation SPX1582T Datasheet HTML 3Page - Sipex Corporation SPX1582T Datasheet HTML 4Page - Sipex Corporation SPX1582T Datasheet HTML 5Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 5 page
background image
6
Date:5/25/04
SPX1582 3A Ultra Low Dropout Voltage Regulator
©Copyright 2004 Sipex Corporation
PACKAGE: 5 Pin TO-263
.160
-
.190
0
-
.010
Dimensions in (mm)
5 PIN TO-263
JEDEC TO-263
(BB) Variation
.020
-
.039
.015
-
.029
.070
-
.110
-
-
-
A
A1
b
c
E
E1
L
L1
L2
MIN
NOM
MAX
e
.067 BSC
.066
-
D1
.270
-
-
.380
-
.420
.245
-
-
H
.575
-
.625
.070
L3
.010 BSC
c
WITH PLATING
BASE METAL
(b)
CONTACT AREA
1
23
4
5
E
E
L2
5X b
e
4X
(DATUM A)
c2
.045
-
.023
c
C2
A
H
SEATING PLANE
D1
L1
(E)
E1
L
0º-8º
L3
5 PIN TO-263



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com