Electronic Components Datasheet Search
  English  ▼

X  

SW38-2G Datasheet(PDF) 101 Page - Aavid, Thermal Division of Boyd Corporation

Part # SW38-2G
Description  Channel style heat sink with folded back fins
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

SW38-2G Datasheet(HTML) 101 Page - Aavid, Thermal Division of Boyd Corporation

Back Button SW38-2G Datasheet HTML 97Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 98Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 99Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 100Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 101Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 102Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 103Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 104Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 105Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 116 page
background image
101
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886 (2) 2698-9888 email: sales@aavid.com.tw
AMERICA
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
EUROPE
ASIA
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
USA Tel: +1 (603) 224-9988 email: info@aavid.com
THERMALFILM™ MT
177.2 x 10
3 volts/mm
(4500 volts/mm)
4.3
0.002
10
17 ohm-cm
10
16 ohms
465 volts
100.000 megohm mfds.
0.05mm (0.002”)
103 MPa (1500 psi)
0.31 MPa (45 psi)
35,433 gm/mm (900 gm/mil)
1.78 gm/cm
3 (111.1 lb/ft3)
>10,000 cycles
NONE
815
ºC (1499ºF)
435
ºC (815ºF)
525
ºC (977ºF)
-260
ºC to 240ºC
(-436
ºF to 464ºF)
0.379 W/m
ºC
(0.219 BTU/hr-ft-
ºF)
V-0, UL “E” card E39505
Thermalfilm™ and Thermalfilm™ MT are low cost polymide plastic insulating films designed
to be an improved replacement for mica. These insulators have a distinctive amber color and
can be easily recognized and assembled on a production line.
Thermalfilm™ MT, made from high performance Kapton™ MT material, provides thermal
conductivity nearly 2-5 times greater than standard Thermalfilm™. Both insulators have an
extremely high resistance to flow or thin out under high compressive stresses, particularly at
elevated temperatures. Excellent physical, mechanical and electrical properties remain nearly
constant over a wide range of temperatures and frequencies. They are radiation resistant,
have no melting points, and have no known organic solvents. The polymide plastic film is UL
listed as a component in UL’s publication “Component – Plastic Material” dated September
18, 1969. The UL card number is E39505R, Guide QMFZ2 filed by E. I. du Pont de Nemours
& Co., Inc. Thermalfilm
TM is rated 94-V/0.
PROPERTY
Dielectric strength
Dielectric constant
Dissipation factor
Volume resistivity
Surface resistivity
Corona start voltage 0.025mm (1-mil)
Insulation resistance
Material thickness
Ultimate tensile strength (MD)
Bursting strength test (Mullen)
Tear strength – initial
Density
Folding endurance (MIT)
Melting point
Zero strength temperature
Cut through temperature
Service temperature
Thermal conductivity
Flammability
THERMALFILM™
0.03mm (1-mil)
240 x 10
3 volts/mm
(6,100 volts/mil)
3.5
0.002
10
17 ohm-cm
10
16 ohms
465 volts
100.000 megohm mfds.
0.05mm (0.002”)
1.72 x 10
8 Pa (25,000 psi)
3.10 x 10
5 Pa (45 psi)
27,559 gm/mm (700 gm/mil)
1.42 gm/cm
3 (88.7 lb/ft3)
>10,000 cycles
NONE
815
ºC (1499ºF)
435
ºC (815ºF)
525
ºC (977ºF)
-260
ºC to 240ºC
(-436
ºF to 464ºF)
0.156W/m
ºC
(0.09 BTU/hr-ft-ºF)
V-0, UL “E” card E39505
TEST METHOD
ASTM D149-64
ASTM D150-64T
ASTM D150-64T
ASTM D257-61
ASTM D257-61
ASTM D1868-61T
Based on 0.05 mfd wound
capacitor using 0.25 mm
(1-mil) Film
ASTM D882-64T
ASTM 0774-63
ASTM D1004-61
ASTM D1505-63T
ASTM D2176-63T
Hot Bar (Du Pont test)
Weighted probe on heated film
(Du Pont test)
Model TC-1000 twin heatmeter
Comparative tester
UL 94
Notes: One mil equals 0.001 inch
Dimensional tolerances are ± 0.38mm (0.015”), hole diameters are ± 0.25mm (0.010”) and angularity is ± 1 1/2° unless otherwise specified.
PHYSICAL
THERMAL
ELECTRICAL – TYPICAL VALUE @ 25° C
Thermalfilm™ and Thermalfilm™ MT
Thermalfilm™ Polyimide Plastic Films
ORDERING INFORMATION
For standard pre-cut sizes of Thermalfilm
TM
and Thermafilm
TM MT see page 102.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com