Electronic Components Datasheet Search
  English  ▼

X  

TMS570LS3137 Datasheet(PDF) 111 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS3137
Description  TMS570LS3137 16/32-Bit RISC Flash Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS3137 Datasheet(HTML) 111 Page - Texas Instruments

Back Button TMS570LS3137 Datasheet HTML 107Page - Texas Instruments TMS570LS3137 Datasheet HTML 108Page - Texas Instruments TMS570LS3137 Datasheet HTML 109Page - Texas Instruments TMS570LS3137 Datasheet HTML 110Page - Texas Instruments TMS570LS3137 Datasheet HTML 111Page - Texas Instruments TMS570LS3137 Datasheet HTML 112Page - Texas Instruments TMS570LS3137 Datasheet HTML 113Page - Texas Instruments TMS570LS3137 Datasheet HTML 114Page - Texas Instruments TMS570LS3137 Datasheet HTML 115Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 159 page
background image
tcyc(RTP)
tr
tf
th(RTP)
tl(RTP)
TMS570LS3137
www.ti.com
SPNS162.
– SEPTEMBER 2011
4.21.8 RAM Trace Port (RTP)
The RTP provides the ability to datalog the RAM contents of the TMS570 devices or accesses to
peripherals without program intrusion. It can trace all data write or read accesses to internal RAM. In
addition, it provides the capability to directly transfer data to a FIFO to support a CPU-controlled
transmission of the data. The trace data is transmitted over a dedicated external interface.
4.21.8.1 Features
The RTP offers the following features:
•
Two modes of operation - Trace Mode and Direct Data Mode
– Trace Mode
•
Non-intrusive data trace on write or read operation
•
Visibility of RAM content at any time on external capture hardware
•
Trace of peripheral accesses
•
2 configurable trace regions for each RAM module to limit amount of data to be traced
•
FIFO to store data and address of data of multiple read/write operations
•
Trace of CPU and/or DMA accesses with indication of the master in the transmitted data packet
– Direct Data Mode
•
Directly write data with the CPU or trace read operations to a FIFO, without transmitting header
and address information
•
Dedicated synchronous interface to transmit data to external devices
•
Free-running clock generation or clock stop mode between transmissions
•
Up to 100 Mbit per sec/pin transfer rate for transmitting data
•
Pins not used in functional mode can be used as GIOs
4.21.8.2 Timing Specifications
Figure 4-24. RTPCLK Timing
Table 4-43. RTPCLK Timing
Parameter
MIN
Description
tcyc(RTP)
tc(HCLK) * 2
Clock period, prescaled from HCLK; must not be faster
than HCLK / 2
th(RTP)
((tcyc(RTP))/2) - ((tr+tf)/2)
High pulse width
tl(RTP)
((tcyc(RTP))/2) - ((tr+tf)/2)
Low pulse width
Copyright
© 2011, Texas Instruments Incorporated
System Information and Electrical Specifications
111
Submit Documentation Feedback
focus.ti.com: TMS570LS3137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com