Electronic Components Datasheet Search
  English  ▼

X  

TMS570LS3137 Datasheet(PDF) 117 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS3137
Description  TMS570LS3137 16/32-Bit RISC Flash Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS3137 Datasheet(HTML) 117 Page - Texas Instruments

Back Button TMS570LS3137 Datasheet HTML 113Page - Texas Instruments TMS570LS3137 Datasheet HTML 114Page - Texas Instruments TMS570LS3137 Datasheet HTML 115Page - Texas Instruments TMS570LS3137 Datasheet HTML 116Page - Texas Instruments TMS570LS3137 Datasheet HTML 117Page - Texas Instruments TMS570LS3137 Datasheet HTML 118Page - Texas Instruments TMS570LS3137 Datasheet HTML 119Page - Texas Instruments TMS570LS3137 Datasheet HTML 120Page - Texas Instruments TMS570LS3137 Datasheet HTML 121Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 159 page
background image
TMS570LS3137
www.ti.com
SPNS162.
– SEPTEMBER 2011
•
Programmable interrupt threshold counter is available for each group
•
Programmable magnitude threshold interrupt for each group for any one channel
•
Option to read either 8-bit, 10-bit or 12-bit values from memory regions
•
Single or continuous conversion modes
•
Embedded self-test
•
Embedded calibration logic
•
Enhanced power-down mode
– Optional feature to automatically power down ADC core when no conversion is in progress
•
External event pin (ADEVT) programmable as general-purpose I/O
5.2.2
Event Trigger Options
The ADC module supports 3 conversion groups: Event Group, Group1 and Group2. Each of these 3
groups can be configured to be hardware event-triggered. In that case, the application can select from
among 8 event sources to be the trigger for a group's conversions.
5.2.2.1
Default MIBADC1 Event Trigger Hookup
Table 5-3. MIBADC1 Event Trigger Hookup
Event #
Source Select Bits For G1, G2 Or Event
Trigger
(G1SRC[2:0], G2SRC[2:0] or EVSRC[2:0])
1
000
ADEVT
2
001
N2HET1[8]
3
010
N2HET1[10]
4
011
RTI compare 0 interrupt
5
100
N2HET1[12]
6
101
N2HET1[14]
7
110
GIOB[0]
8
111
GIOB[1]
NOTE
For ADEVT, N2HET1 and GIOB trigger sources, the connection to the MibADC1 module
trigger input is made from the output side of the input buffer. This way, a trigger condition
can be generated either by configuring the function as output onto the pad (via the mux
control), or by driving the function from an external trigger source as input. If the mux control
module is used to select different functionality instead of the ADEVT, N2HET1[x] or GIOB[x]
signals, then care must be taken to disable these signals from triggering conversions; there
is no multiplexing on the input connections.
NOTE
For the RTI compare 0 interrupt source, the connection is made directly from the output of
the RTI module. That is, the interrupt condition can be used as a trigger source even if the
actual interrupt is not signaled to the CPU.
5.2.2.2
Alternate MIBADC1 Event Trigger Hookup
Table 5-4. Alternate MIBADC1 Event Trigger Hookup
Event #
Source Select Bits for G1, G2 or Event
Trigger
(G1SRC[2:0], G2SRC[2:0] or EVSRC[2:0])
1
000
ADEVT
2
001
N2HET2[5]
Copyright
© 2011, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
117
Submit Documentation Feedback
focus.ti.com: TMS570LS3137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com