Electronic Components Datasheet Search
  English  ▼

X  

TMS570LS3137 Datasheet(PDF) 132 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS3137
Description  TMS570LS3137 16/32-Bit RISC Flash Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS3137 Datasheet(HTML) 132 Page - Texas Instruments

Back Button TMS570LS3137 Datasheet HTML 128Page - Texas Instruments TMS570LS3137 Datasheet HTML 129Page - Texas Instruments TMS570LS3137 Datasheet HTML 130Page - Texas Instruments TMS570LS3137 Datasheet HTML 131Page - Texas Instruments TMS570LS3137 Datasheet HTML 132Page - Texas Instruments TMS570LS3137 Datasheet HTML 133Page - Texas Instruments TMS570LS3137 Datasheet HTML 134Page - Texas Instruments TMS570LS3137 Datasheet HTML 135Page - Texas Instruments TMS570LS3137 Datasheet HTML 136Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 159 page
background image
VCCIO
0.6*VCCIO
0.4*VCCIO
0
Input
tpw
0.6*VCCIO
0.4*VCCIO
TMS570LS3137
SPNS162.
– SEPTEMBER 2011
www.ti.com
5.5
FlexRay Interface
The FlexRay module performs communication according to the FlexRay protocol specification v2.1. The
sample clock bitrate can be programmed to values up to 10 MBit per second. Additional bus driver (BD)
hardware is required for connection to the physical layer.
For communication on a FlexRay network, individual message buffers with up to 254 data bytes are
configurable. The message storage consists of a single-ported message RAM that holds up to 128
message buffers. All functions concerning the handling of messages are implemented in the message
handler. Those functions are the acceptance filtering, the transfer of messages between the two FlexRay
Channel Protocol Controllers and the message RAM, maintaining the transmission schedule as well as
providing message status information.
The register set of the FlexRay module can be accessed directly by the CPU via the VBUS interface.
These registers are used to control, configure and monitor the FlexRay channel protocol controllers,
message handler, global time unit, system universal control, frame/symbol processing, network
management, interrupt control, and to access the message RAM via the input / output buffer.
5.5.1
Features
The FlexRay module has the following features:
•
Conformance with FlexRay protocol specification v2.1
•
Data rates of up to 10 Mbit/s on each channel
•
Up to 128 message buffers
•
8 Kbyte of message RAM for storage of e.g. 128 message buffers with max. 48 byte data section or up
to 30 message buffers with 254 byte data section
•
Configuration of message buffers with different payload lengths
•
One configurable receive FIFO
•
Each message buffer can be configured as receive buffer, as transmit buffer or as part of the receive
FIFO
•
CPU access to message buffers via input and output buffer
•
FlexRay Transfer Unit (FTU) for automatic data transfer between data memory and message buffers
without CPU interaction
•
Filtering for slot counter, cycle counter, and channel ID
•
Maskable module interrupts
•
Supports Network Management
5.5.2
Electrical and Timing Specifications
Table 5-15. Timing Requirements for FlexRay Inputs(1)
Parameter
MIN
MAX
UNIT
tpw
Input minimum pulse width to meet the FlexRay sampling
tc(AVCLK2) + 2.5
(2)
ns
requirement
(1)
tc(AVCLK2) = sample clock cycle time for FlexRay = 1 / f(AVCLK2)
(2)
tRxAsymDelay parameter
Figure 5-8. FlexRay Inputs
132
Peripheral Information and Electrical Specifications
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
focus.ti.com: TMS570LS3137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com