Electronic Components Datasheet Search
  English  ▼

X  

TPS92510 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS92510
Description  1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS92510 Datasheet(HTML) 5 Page - Texas Instruments

  TPS92510 Datasheet HTML 1Page - Texas Instruments TPS92510 Datasheet HTML 2Page - Texas Instruments TPS92510 Datasheet HTML 3Page - Texas Instruments TPS92510 Datasheet HTML 4Page - Texas Instruments TPS92510 Datasheet HTML 5Page - Texas Instruments TPS92510 Datasheet HTML 6Page - Texas Instruments TPS92510 Datasheet HTML 7Page - Texas Instruments TPS92510 Datasheet HTML 8Page - Texas Instruments TPS92510 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
1
6
5
10
2
3
7
4
8
9
RT/CLK
BOOT
PDIM
EN
VIN
TSENSE
PH
VSENSE
COMP
GND
TPS92510
www.ti.com
SLUSAE4A – JANUARY 2012 – REVISED JUNE 2012
DEVICE INFORMATION
TPS92510
MSOP-10
(Top View)
PIN FUNCTIONS
PIN
I/O
DESCRIPTION
NAME
NO.
A bootstrap capacitor is required between BOOT and PH. If the voltage on this capacitor is below the
BOOT
1
O
minimum required by the output device, the output is forced to switch off until the capacitor is refreshed.
Error amplifier output, and input to the output switch current comparator. Connect frequency compensation
COMP
8
O
components to this pin.
Enable pin, internal pull-up current source. Pull below 1.2-V to disable. Float to enable. Adjust the input
EN
3
I
undervoltage lockout with two resistors.
GND
9
Ground
PWM dimming input pin. The duty cycle of the PWM signal linearly controls the average current output of the
PDIM
4
I
converter.
PH
10
O
The source of the internal high-side MOSFET.
PowerPAD
Pad
GND pin must be electrically connected to the exposed pad on the printed circuit board for proper operation.
Resistor timing and external clock. An internal amplifier holds this pin at a fixed voltage when using an
external resistor to ground to program the switching frequency. If the pin is pulled above the PLL upper
RT/CLK
5
I
threshold, a mode change occurs and the pin becomes a synchronization input. The internal amplifier is
disabled and the pin becomes a high impedance clock input to the internal PLL. If the clocking edges stop,
the internal amplifier is re-enabled and the mode returns to the resistor-programmed function.
Temperature fold-back pin. An NTC thermistor connected from this pin to ground provides a thermal
TSENSE
6
I
feedback to decrease the average LED current as the sensed LED temperature increases. It is
recommended to bypass this pin with a capacitor with a value of 0.01 µF (or larger) to GND.
VIN
2
I
Input supply voltage, 3.5 V to 60 V.
VSENSE
7
I
Inverting node of the transconductance (gM) error amplifier.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS92510


Similar Part No. - TPS92510

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92510DGQ TI1-TPS92510DGQ Datasheet
1Mb / 28P
[Old version datasheet]   1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
TPS92510DGQR TI1-TPS92510DGQR Datasheet
1Mb / 28P
[Old version datasheet]   1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
TPS92510EVM-011 TI1-TPS92510EVM-011 Datasheet
1Mb / 22P
[Old version datasheet]   1.5-A, Constant-Current, Non-Synchronous Buck Converter for High-Brightness LEDs with Integrated Thermal Foldback
TPS92510 TI1-TPS92510_12 Datasheet
1Mb / 28P
[Old version datasheet]   1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
More results

Similar Description - TPS92510

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92510 TI1-TPS92510_12 Datasheet
1Mb / 28P
[Old version datasheet]   1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
TPS92510EVM-011 TI1-TPS92510EVM-011 Datasheet
1Mb / 22P
[Old version datasheet]   1.5-A, Constant-Current, Non-Synchronous Buck Converter for High-Brightness LEDs with Integrated Thermal Foldback
logo
National Semiconductor ...
LM3424_0910 NSC-LM3424_0910 Datasheet
1Mb / 50P
   Constant Current N-Channel Controller with Thermal Foldback for Driving LEDs
logo
Texas Instruments
LM3424 TI1-LM3424_14 Datasheet
1Mb / 62P
[Old version datasheet]   Constant Current N-Channel Controller with Thermal Foldback for Driving LEDs
logo
National Semiconductor ...
LM3424 NSC-LM3424 Datasheet
1Mb / 50P
   Constant Current N-Channel Controller with Thermal Foldback for Driving LEDs
logo
Texas Instruments
LM3424 TI1-LM3424 Datasheet
2Mb / 69P
[Old version datasheet]   Constant Current N-Channel Controller with Thermal Foldback for Driving LEDs
logo
Grenergy Opto, lnc.
GR6004 GRENERGY-GR6004 Datasheet
756Kb / 13P
   Constant Current Switching Converter for High Brightness LED Driving
logo
STMicroelectronics
UM0422 STMICROELECTRONICS-UM0422 Datasheet
252Kb / 14P
   Constant current controller for high brightness LEDs
logo
National Semiconductor ...
LM3405 NSC-LM3405_08 Datasheet
181Kb / 6P
   Powering and Dimming High-Brightness LEDs with the LM3405 Constant-Current Buck Regulator
logo
Texas Instruments
LM3407 TI1-LM3407 Datasheet
1Mb / 22P
[Old version datasheet]   Constant Current Output Floating Buck Switching Converter for High Power LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com