Electronic Components Datasheet Search
  English  ▼

X  

TPS92510 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS92510
Description  1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS92510 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS92510 Datasheet HTML 2Page - Texas Instruments TPS92510 Datasheet HTML 3Page - Texas Instruments TPS92510 Datasheet HTML 4Page - Texas Instruments TPS92510 Datasheet HTML 5Page - Texas Instruments TPS92510 Datasheet HTML 6Page - Texas Instruments TPS92510 Datasheet HTML 7Page - Texas Instruments TPS92510 Datasheet HTML 8Page - Texas Instruments TPS92510 Datasheet HTML 9Page - Texas Instruments TPS92510 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
UDG-11043
EN
TSENSE
VSENSE
PDIM
COMP
RT/CLK
PH
3
8
7
4
6
1.25 V
0.9 µA
2.9 µA
200 mV
Enable
Comparator
Current
Sense
1.35 V
+
+
1 µA
+
Error Amplifier
5.9 kHz
+
100 µA
PDIM
Comparator
Temperature
Comparator
Thermal
Shutdown
VIN
UVLO
Shutdown Logic
S
Slope
Compensation
Oscillator
with PLL
Logic
and
PWM
Latch
+
R
R
Q
S
R
R
BOOT
UVLO
5
PowerPAD
BOOT
Charge
10
9
GND
VIN
2
BOOT
1
2 V
0 V
COMP S/H
EA
Clamp
TPS92510
TPS92510
SLUSAE4A – JANUARY 2012 – REVISED JUNE 2012
www.ti.com
FUNCTIONAL BLOCK DIAGRAM
6
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): TPS92510


Similar Part No. - TPS92510

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92510DGQ TI1-TPS92510DGQ Datasheet
1Mb / 28P
[Old version datasheet]   1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
TPS92510DGQR TI1-TPS92510DGQR Datasheet
1Mb / 28P
[Old version datasheet]   1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
TPS92510EVM-011 TI1-TPS92510EVM-011 Datasheet
1Mb / 22P
[Old version datasheet]   1.5-A, Constant-Current, Non-Synchronous Buck Converter for High-Brightness LEDs with Integrated Thermal Foldback
TPS92510 TI1-TPS92510_12 Datasheet
1Mb / 28P
[Old version datasheet]   1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
More results

Similar Description - TPS92510

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92510 TI1-TPS92510_12 Datasheet
1Mb / 28P
[Old version datasheet]   1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
TPS92510EVM-011 TI1-TPS92510EVM-011 Datasheet
1Mb / 22P
[Old version datasheet]   1.5-A, Constant-Current, Non-Synchronous Buck Converter for High-Brightness LEDs with Integrated Thermal Foldback
logo
National Semiconductor ...
LM3424_0910 NSC-LM3424_0910 Datasheet
1Mb / 50P
   Constant Current N-Channel Controller with Thermal Foldback for Driving LEDs
logo
Texas Instruments
LM3424 TI1-LM3424_14 Datasheet
1Mb / 62P
[Old version datasheet]   Constant Current N-Channel Controller with Thermal Foldback for Driving LEDs
logo
National Semiconductor ...
LM3424 NSC-LM3424 Datasheet
1Mb / 50P
   Constant Current N-Channel Controller with Thermal Foldback for Driving LEDs
logo
Texas Instruments
LM3424 TI1-LM3424 Datasheet
2Mb / 69P
[Old version datasheet]   Constant Current N-Channel Controller with Thermal Foldback for Driving LEDs
logo
Grenergy Opto, lnc.
GR6004 GRENERGY-GR6004 Datasheet
756Kb / 13P
   Constant Current Switching Converter for High Brightness LED Driving
logo
STMicroelectronics
UM0422 STMICROELECTRONICS-UM0422 Datasheet
252Kb / 14P
   Constant current controller for high brightness LEDs
logo
National Semiconductor ...
LM3405 NSC-LM3405_08 Datasheet
181Kb / 6P
   Powering and Dimming High-Brightness LEDs with the LM3405 Constant-Current Buck Regulator
logo
Texas Instruments
LM3407 TI1-LM3407 Datasheet
1Mb / 22P
[Old version datasheet]   Constant Current Output Floating Buck Switching Converter for High Power LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com