Electronic Components Datasheet Search
  English  ▼

X  

TPS92510 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS92510
Description  1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS92510 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS92510 Datasheet HTML 3Page - Texas Instruments TPS92510 Datasheet HTML 4Page - Texas Instruments TPS92510 Datasheet HTML 5Page - Texas Instruments TPS92510 Datasheet HTML 6Page - Texas Instruments TPS92510 Datasheet HTML 7Page - Texas Instruments TPS92510 Datasheet HTML 8Page - Texas Instruments TPS92510 Datasheet HTML 9Page - Texas Instruments TPS92510 Datasheet HTML 10Page - Texas Instruments TPS92510 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
0
500
2000
2500
0
25
50
200
Timing and External Clock (RT /CLK ) Resistance (kW)
75
100
125
150
175
1000
1500
VIN = 12 V
TJ =25°C
High Frequency Range
0
100
400
500
200
400
1200
Timing and External Clock
(RT/CLK) Resistance (kW )
600
800
1000
200
300
VIN = 12 V
TJ =25°C
Low Frequency Range
3.4
3.5
3.6
3.7
3.8
3.9
4
4.1
4.2
4.3
−40 −25 −10
5
20
35
50
65
80
95
110 125
Junction Temperature (°C)
VIN = 12 V
G000
560
565
570
575
580
585
590
−40 −25 −10
5
20
35
50
65
80
95
110 125
Junction Temperature (°C)
VIN = 12 V
RRT = 200 kΩ
G000
0
100
200
300
400
500
−40 −25 −10
5
20
35
50
65
80
95
110 125
Junction Temperature (°C)
BOOT–PH = 3 V
BOOT–PH = 6 V
VIN = 12 V
G000
190
192
194
196
198
200
202
204
206
208
210
−40 −25 −10
5
20
35
50
65
80
95
110 125
Junction Temperature (°C)
VIN = 12 V
G000
TPS92510
www.ti.com
SLUSAE4A – JANUARY 2012 – REVISED JUNE 2012
TYPICAL CHARACTERISTICS
Figure 1. On-Resistance vs. Junction Temperature
Figure 2. Reference Voltage vs. Junction Temperature
Figure 3. Switch Current vs. Junction Temperature
Figure 4. Switching Frequency vs. Junction Temperature
Figure 5. Switching Frequency vs. RT/CLK Resistance
Figure 6. Switching Frequency vs. RT/CLK Resistance
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS92510


Similar Part No. - TPS92510

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92510DGQ TI1-TPS92510DGQ Datasheet
1Mb / 28P
[Old version datasheet]   1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
TPS92510DGQR TI1-TPS92510DGQR Datasheet
1Mb / 28P
[Old version datasheet]   1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
TPS92510EVM-011 TI1-TPS92510EVM-011 Datasheet
1Mb / 22P
[Old version datasheet]   1.5-A, Constant-Current, Non-Synchronous Buck Converter for High-Brightness LEDs with Integrated Thermal Foldback
TPS92510 TI1-TPS92510_12 Datasheet
1Mb / 28P
[Old version datasheet]   1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
More results

Similar Description - TPS92510

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92510 TI1-TPS92510_12 Datasheet
1Mb / 28P
[Old version datasheet]   1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
TPS92510EVM-011 TI1-TPS92510EVM-011 Datasheet
1Mb / 22P
[Old version datasheet]   1.5-A, Constant-Current, Non-Synchronous Buck Converter for High-Brightness LEDs with Integrated Thermal Foldback
logo
National Semiconductor ...
LM3424_0910 NSC-LM3424_0910 Datasheet
1Mb / 50P
   Constant Current N-Channel Controller with Thermal Foldback for Driving LEDs
logo
Texas Instruments
LM3424 TI1-LM3424_14 Datasheet
1Mb / 62P
[Old version datasheet]   Constant Current N-Channel Controller with Thermal Foldback for Driving LEDs
logo
National Semiconductor ...
LM3424 NSC-LM3424 Datasheet
1Mb / 50P
   Constant Current N-Channel Controller with Thermal Foldback for Driving LEDs
logo
Texas Instruments
LM3424 TI1-LM3424 Datasheet
2Mb / 69P
[Old version datasheet]   Constant Current N-Channel Controller with Thermal Foldback for Driving LEDs
logo
Grenergy Opto, lnc.
GR6004 GRENERGY-GR6004 Datasheet
756Kb / 13P
   Constant Current Switching Converter for High Brightness LED Driving
logo
STMicroelectronics
UM0422 STMICROELECTRONICS-UM0422 Datasheet
252Kb / 14P
   Constant current controller for high brightness LEDs
logo
National Semiconductor ...
LM3405 NSC-LM3405_08 Datasheet
181Kb / 6P
   Powering and Dimming High-Brightness LEDs with the LM3405 Constant-Current Buck Regulator
logo
Texas Instruments
LM3407 TI1-LM3407 Datasheet
1Mb / 22P
[Old version datasheet]   Constant Current Output Floating Buck Switching Converter for High Power LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com