Electronic Components Datasheet Search
  English  ▼

X  

TPS92510 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS92510
Description  1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS92510 Datasheet(HTML) 1 Page - Texas Instruments

  TPS92510 Datasheet HTML 1Page - Texas Instruments TPS92510 Datasheet HTML 2Page - Texas Instruments TPS92510 Datasheet HTML 3Page - Texas Instruments TPS92510 Datasheet HTML 4Page - Texas Instruments TPS92510 Datasheet HTML 5Page - Texas Instruments TPS92510 Datasheet HTML 6Page - Texas Instruments TPS92510 Datasheet HTML 7Page - Texas Instruments TPS92510 Datasheet HTML 8Page - Texas Instruments TPS92510 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
VIN
TPS92510
PDIM
EN
COMP
PH
RT/CLK
VSENSE
TSENSE
BOOT
GND
UDG-11042
Pad
T
TPS92510
www.ti.com
SLUSAE4A – JANUARY 2012 – REVISED JUNE 2012
1.5-A Constant-Current Buck Converter for High-Brightness LEDs
with Integrated LED Thermal Foldback
Check for Samples: TPS92510
1
FEATURES
DESCRIPTION
2
3.5-V to 60-V Input Voltage Range
The TPS92510 is a 60-V, 1.5-A peak current-mode
Integrated 200-m
Ω High-Side MOSFET
step-down converter with an integrated high-side
200 mV Internal Voltage Reference
MOSFET. It is specifically designed for driving high-
brightness LEDs with a constant current. The tight-
±3% LED Current Accuracy
tolerance, 200-mV internal reference voltage reduces
100 kHz to 2.5 MHz Switching Frequency
power dissipation in the current-sense resistor. A
Range
dedicated pulse width modulation input pin allows
Dedicated PWM Dimming Input
linear control of the light output.
LED Thermal Foldback
The TPS92510 integrates a thermal foldback feature
Adjustable UVLO
that reduces the average output current to ensure
that the sensed LED temperature never exceeds a
Overcurrent Protection
specific value, improving the reliability of the overall
Over-Temperature Protection
system. An integrated frequency synchronization
MSOP-10 (DGQ) PowerPAD™ Package
feature
allows
a
reduction
of
unwanted
beat-
frequencies in multi-string applications and simplifies
APPLICATIONS
EMI filtering. The adjustable input voltage UVLO
feature accommodates the various deep discharge
Street Lighting
levels of multiple battery types.
Emergency Lighting
The TPS92510 includes cycle-by-cycle overcurrent
General Illumination
protection, and thermal shutdown protection. It is
Industrial and Commercial Lighting
available in a 10-pin MSOP PowerPAD™ package.
MR16 LED Bulbs
SIMPLIFIED APPLICATION
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS92510

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92510DGQ TI1-TPS92510DGQ Datasheet
1Mb / 28P
[Old version datasheet]   1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
TPS92510DGQR TI1-TPS92510DGQR Datasheet
1Mb / 28P
[Old version datasheet]   1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
TPS92510EVM-011 TI1-TPS92510EVM-011 Datasheet
1Mb / 22P
[Old version datasheet]   1.5-A, Constant-Current, Non-Synchronous Buck Converter for High-Brightness LEDs with Integrated Thermal Foldback
TPS92510 TI1-TPS92510_12 Datasheet
1Mb / 28P
[Old version datasheet]   1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
More results

Similar Description - TPS92510

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92510 TI1-TPS92510_12 Datasheet
1Mb / 28P
[Old version datasheet]   1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
TPS92510EVM-011 TI1-TPS92510EVM-011 Datasheet
1Mb / 22P
[Old version datasheet]   1.5-A, Constant-Current, Non-Synchronous Buck Converter for High-Brightness LEDs with Integrated Thermal Foldback
logo
National Semiconductor ...
LM3424_0910 NSC-LM3424_0910 Datasheet
1Mb / 50P
   Constant Current N-Channel Controller with Thermal Foldback for Driving LEDs
logo
Texas Instruments
LM3424 TI1-LM3424_14 Datasheet
1Mb / 62P
[Old version datasheet]   Constant Current N-Channel Controller with Thermal Foldback for Driving LEDs
logo
National Semiconductor ...
LM3424 NSC-LM3424 Datasheet
1Mb / 50P
   Constant Current N-Channel Controller with Thermal Foldback for Driving LEDs
logo
Texas Instruments
LM3424 TI1-LM3424 Datasheet
2Mb / 69P
[Old version datasheet]   Constant Current N-Channel Controller with Thermal Foldback for Driving LEDs
logo
Grenergy Opto, lnc.
GR6004 GRENERGY-GR6004 Datasheet
756Kb / 13P
   Constant Current Switching Converter for High Brightness LED Driving
logo
STMicroelectronics
UM0422 STMICROELECTRONICS-UM0422 Datasheet
252Kb / 14P
   Constant current controller for high brightness LEDs
logo
National Semiconductor ...
LM3405 NSC-LM3405_08 Datasheet
181Kb / 6P
   Powering and Dimming High-Brightness LEDs with the LM3405 Constant-Current Buck Regulator
logo
Texas Instruments
LM3407 TI1-LM3407 Datasheet
1Mb / 22P
[Old version datasheet]   Constant Current Output Floating Buck Switching Converter for High Power LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com