Electronic Components Datasheet Search
  English  ▼

X  

TPS92510 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS92510
Description  1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS92510 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS92510 Datasheet HTML 9Page - Texas Instruments TPS92510 Datasheet HTML 10Page - Texas Instruments TPS92510 Datasheet HTML 11Page - Texas Instruments TPS92510 Datasheet HTML 12Page - Texas Instruments TPS92510 Datasheet HTML 13Page - Texas Instruments TPS92510 Datasheet HTML 14Page - Texas Instruments TPS92510 Datasheet HTML 15Page - Texas Instruments TPS92510 Datasheet HTML 16Page - Texas Instruments TPS92510 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
(
)
( )
1
1.0888
RT
206033
SW
R
k
f
kHz
æ
ö
ç
÷
è
ø
W
æ
ö
ç
÷
=
ç
÷
è
ø
( )
(
)
(
)
1.0888
RT
SW
206033
R
k
f
kHz
W =
ESD
R
10 k
=
W
HYS
START
STOP
V
V
V
=
-
(
)
(
)
(
)
(
) (
) (
)
EN
ESD
HYS
STOP
EN
HYS
ESD
R1
V
R
I1
I
R2
V
V
I1
I
R1
R
´
-
´
+
=
-
+
+
´
+
TPS92510
www.ti.com
SLUSAE4A – JANUARY 2012 – REVISED JUNE 2012
DETAILED DESCRIPTION (continued)
(5)
(6)
(7)
Fixed Frequency PWM Control
The TPS92510 uses an adjustable, fixed-frequency, peak current mode control. Each switching cycle an internal
oscillator initiates the turn-on of the MOSFET. The LED current flows through the sense resistor and develops
the feedback voltage on the VSENSE pin. The error amplifier output (COMP pin) is compared to the high-side
MOSFET current. When the MOSFET current reaches the level set by the COMP pin voltage the MOSFET is
turned off.
Slope Compensation
The TPS92510 adds a compensating ramp to the MOSFET current signal. The slope compensation prevents
sub-harmonic oscillations. The available peak inductor current remains constant over the full duty-cycle range.
Constant Switching Frequency and Timing Resistor (RT/CLK Pin)
The switching frequency of the TPS92510 is adjustable over a wide range from approximately 100 kHz to 2500
kHz by placing a resistor on the RT/CLK pin. The RT/CLK pin voltage is typically 0.5V and must have a resistor
to ground to set the switching frequency. To determine the timing resistance for a given switching frequency, use
Equation 8 or the curves in Figure 5 or Figure 6. To reduce the solution size one typically sets the switching
frequency as high as possible, but tradeoffs of the supply efficiency, maximum input voltage and minimum
controllable on time should be considered. The minimum controllable on time is typically 135 ns and limits the
maximum operating input voltage.
XXX
(8)
(9)
Synchronization to an External System Clock (RT/CLK)
The RT/CLK pin can be used to synchronize the regulator to an external system clock by connecting a square
wave to the RT/CLK pin through the circuit network as shown in Figure 23. The square wave amplitude must
transition lower than 0.5 V and higher than 2.2 V on the RT/CLK pin and have an on-time greater than 40 ns and
an off-time greater than 40 ns. The synchronization frequency range is 300 kHz to 2200 kHz. The rising edge of
the PH is synchronized to the falling edge of RT/CLK pin signal. The external synchronization circuit default
frequency is set by connecting the resistor from the RT/CLK pin to ground should the synchronization signal turn
off. It is recommended to use a frequency set resistor connected as shown in Figure 23 through a 50-
Ω resistor
to ground.
The resistor should set the switching frequency close to the external CLK frequency. It is recommended to ac
couple the synchronization signal through a 470-pF ceramic capacitor to RT/CLK pin and a 4-k
Ω series resistor.
The series resistor reduces PH jitter in heavy load applications when synchronizing to an external clock and in
applications which transition from synchronizing to RT mode. The first time the CLK is pulled above the CLK
threshold the device switches from the RT resistor frequency to PLL mode. The internal 0.5-V voltage source is
removed and the CLK pin becomes high impedance as the PLL starts to lock onto the external signal. Since
there is a PLL on the regulator the switching frequency can be higher or lower than the frequency set with the
external resistor. The device transitions from the resistor mode to the PLL mode and then increases or
decreases the switching frequency until the PLL locks onto the CLK frequency within 100 microseconds.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TPS92510


Similar Part No. - TPS92510

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92510DGQ TI1-TPS92510DGQ Datasheet
1Mb / 28P
1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
TPS92510DGQR TI1-TPS92510DGQR Datasheet
1Mb / 28P
1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
TPS92510EVM-011 TI1-TPS92510EVM-011 Datasheet
1Mb / 22P
1.5-A, Constant-Current, Non-Synchronous Buck Converter for High-Brightness LEDs with Integrated Thermal Foldback
TPS92510 TI1-TPS92510_12 Datasheet
1Mb / 28P
1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
More results

Similar Description - TPS92510

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3424 NSC-LM3424 Datasheet
1Mb / 50P
Constant Current N-Channel Controller with Thermal Foldback for Driving LEDs
LM3424_0910 NSC-LM3424_0910 Datasheet
1Mb / 50P
Constant Current N-Channel Controller with Thermal Foldback for Driving LEDs
LM3405 NSC-LM3405_08 Datasheet
181Kb / 6P
Powering and Dimming High-Brightness LEDs with the LM3405 Constant-Current Buck Regulator
logo
Texas Instruments
TPS92510EVM-011 TI1-TPS92510EVM-011 Datasheet
1Mb / 22P
1.5-A, Constant-Current, Non-Synchronous Buck Converter for High-Brightness LEDs with Integrated Thermal Foldback
TPS92510 TI1-TPS92510_12 Datasheet
1Mb / 28P
1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
LM3424 TI1-LM3424_14 Datasheet
1Mb / 62P
Constant Current N-Channel Controller with Thermal Foldback for Driving LEDs
logo
STMicroelectronics
UM0422 STMICROELECTRONICS-UM0422 Datasheet
252Kb / 14P
Constant current controller for high brightness LEDs
logo
Texas Instruments
LM3407 TI1-LM3407 Datasheet
1Mb / 22P
Constant Current Output Floating Buck Switching Converter for High Power LEDs
LM3424 TI1-LM3424 Datasheet
2Mb / 69P
Constant Current N-Channel Controller with Thermal Foldback for Driving LEDs
logo
Grenergy Opto, lnc.
GR6004 GRENERGY-GR6004 Datasheet
756Kb / 13P
Constant Current Switching Converter for High Brightness LED Driving
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com