Electronic Components Datasheet Search
  English  ▼

X  

AXIOM75ULN Datasheet(PDF) 1 Page - Vishay Siliconix

Part # AXIOM75ULN
Description  Ultra‐Low Phase Noise OCXO
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

AXIOM75ULN Datasheet(HTML) 1 Page - Vishay Siliconix

  AXIOM75ULN Datasheet HTML 1Page - Vishay Siliconix AXIOM75ULN Datasheet HTML 2Page - Vishay Siliconix AXIOM75ULN Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AXIOM75ULN 
www.axtal.com 
Roemerring 9 
page 
1(3) 
fon: +49 (6261) 939834 
D‐74821 Mosbach  
 
fax: +49 (6261) 939836 
Germany  
E‐mail: info@axtal.com 
GmbH & Co. KG
Specification  
AXIOM75ULN 
Rev.: 01 
Date: 2012‐01‐28 
Oscillator type :      Ultra‐Low Phase Noise OCXO 
 
Parameter 
min. 
typ. 
max.  Unit 
Condition 
Frequency Range 
80  
125  
 
Standard frequencies 
100.000 /120.000 
MHz  
Frequency stability 
  
 
 
 
Initial tolerance at delivery  
 
± 500 
ppb 
@+25°C @VC =  VREF/2 
vs. temperature  in operating 
temperature range   
  
±  200 
±  100 
±  50 
±  25 
±  10 
ppb 
ppb 
ppb 
ppb 
ppb 
Option II = “200” 
Option II = “100” 
Option II = “50” 
Option II = “25” 
Option II = “10” 
operating temperature range ‐10  
+60 
°C 
Note 2 
vs. supply voltage variation  
 
± 10 
ppb 
VS ±  5% 
vs. load change  
 
± 5 
ppb 
RL ±  5% 
Long term (aging) per day, 
after 30 days operation 
 
± 5 
± 1 
± 10 
± 2 
ppb 
ppb 
Option II=“200”, “100” 
Option II=“50”,“25”,”10” 
long term (aging)  1
st year, 
after 30 days operation  
  
± 200 
± 100 
ppb 
ppb 
Option II=“200”, “100” 
Option II=“50”,“25”,”10” 
Frequency adjustment range 
 
Electronic Frequency Control (EFC)  
± 1 
± 2  
ppm  
EFC voltage  VC 
0  
VREF 
V  
EFC slope (∆f / ∆VC
positive  
 
EFC input impedance 
100  
 
kΩ 
 
RF output 
 
Signal waveform 
Sine wave  
RL = 50 Ω 
Output level 
+ 7  
 
dBm  
Harmonics  
 
‐30 
dBc  
Spurious  
 
‐90 
dBc  
Warm‐up time  
 
min 
∆f
final/f0 < ±0.1 ppm 
Phase noise @ 10.000 MHz 
See table below  
Option I 
Reference voltage VREF output 
 
10.0  
V  
Supply voltage VS 
11.4 
12 
12.6 
Note 3 
Current consumption (steady state)  
 
 
100 
mA 
@ +25°C 
Current consumption (warm‐up) 
  
250 
mA  
Operable temperature range 
‐20  
+70 
°C  
Storage temperature range 
‐40  
+85 
°C  
Enclosure (see drawing) (LxWxH) 
25.8x25.8x12.7max. 
mm 
IEC 60679‐3 CO 43 
Weight 
  
10 
gram  
Handling and Testing 
In accordance with AXAN‐011 
www.axtal.com 
Processing 
In accordance with AXAN‐012 
www.axtal.com 
 
Notes: 
1.
Terminology and test conditions are according to IEC standard IEC60679‐1, unless otherwise stated 
2.
Other operating temperature range on request 
3.
Other supply voltage on request 
 


Similar Part No. - AXIOM75ULN

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIOM75ULN AXTAL-AXIOM75ULN Datasheet
115Kb / 4P
Ultra-Low Phase Noise OCXO with Sine Wave Output
More results

Similar Description - AXIOM75ULN

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIOM50 AXTAL-AXIOM50 Datasheet
92Kb / 2P
VHF OCXO - Ultra low noise
AXIOM175ULN AXTAL-AXIOM175ULN Datasheet
121Kb / 4P
Ultra-Low Phase Noise OCXO with Sine Wave Output
AXIOM2000 AXTAL-AXIOM2000 Datasheet
144Kb / 4P
Ultra-Low Phase Noise OCXO
AXIOM75LG AXTAL-AXIOM75LG Datasheet
132Kb / 4P
Ultra-Low Phase Noise OCXO with Low G-Sensitivity
AXPLO2700 AXTAL-AXPLO2700 Datasheet
207Kb / 4P
Phase-Locked Ultra-Low Phase Noise OCXO (PLOCXO)
logo
ILSI America LLC
I426 ILSI-I426 Datasheet
127Kb / 2P
Low Phase Noise OCXO
logo
Abracon Corporation
AOCJY7TQ ABRACON-AOCJY7TQ Datasheet
2Mb / 5P
Ultra-Low Phase Noise OCXO
07.21.15
logo
Advanced XTAL Products
AXIOM238 AXTAL-AXIOM238 Datasheet
252Kb / 3P
Ultra-Low Phase Noise OCXO in Vibration-isolated Package
AXIOM450 AXTAL-AXIOM450 Datasheet
119Kb / 3P
VHF Ultra-Low Phase Noise OCXO in Eurocase Package
AXPLO2600 AXTAL-AXPLO2600 Datasheet
192Kb / 4P
UHF Ultra-Low Noise Phase-Locked OCXO (PLOCXO)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com