Electronic Components Datasheet Search
  English  ▼

X  

IS31LT3354 Datasheet(PDF) 10 Page - Integrated Silicon Solution, Inc

Part # IS31LT3354
Description  40V LED DRIVER WITH EXTERNAL SWITCH
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS31LT3354 Datasheet(HTML) 10 Page - Integrated Silicon Solution, Inc

Back Button IS31LT3354 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS31LT3354 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS31LT3354 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS31LT3354 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS31LT3354 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS31LT3354 Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS31LT3354 Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS31LT3354 Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS31LT3354 Datasheet HTML 12Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
IS31LT3354
Integrated Silicon Solution, Inc. – www.issi.com
Rev. A, 09/01/2011
10
Layout considerations
External MOSFET Drain
The Drain of the external MOSFET is a fast switching
node, so PCB traces should be kept as short as
possible. To minimize ground 'bounce', the ground pin
of the chip should be soldered directly to the ground
plane.
Coil and decoupling capacitors
It is particularly important to mount the coil and the
input decoupling capacitor close to the chip to
minimize parasitic resistance and inductance, which
will degrade efficiency. It is also important to take
account of any trace resistance in series with current
sense resistor RS.
ADJ pin
The ADJ pin is a high impedance input, so when left
floating, PCB traces to this pin should be as short as
possible to reduce noise pickup. ADJ pin can also be
connected to a voltage between 1.2V~5V. In this case,
the internal circuit will clamp the output current at the
value which is set by ADJ=1.2V.
High voltage traces
Avoid running any high voltage traces close to the ADJ
pin, to reduce the risk of leakage due to board
contamination. Any such leakage may raise the ADJ
pin voltage and cause excessive output current. A
ground ring placed around the ADJ pin will minimize
changes in output current under these conditions.


Similar Part No. - IS31LT3354

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31LT3354-STLS2 ISSI-IS31LT3354-STLS2 Datasheet
301Kb / 12P
   40V LED DRIVER WITH EXTERNAL SWITCH
IS31LT3354-STLS2-TR ISSI-IS31LT3354-STLS2-TR Datasheet
301Kb / 12P
   40V LED DRIVER WITH EXTERNAL SWITCH
More results

Similar Description - IS31LT3354

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31LT3354-STLS2 ISSI-IS31LT3354-STLS2 Datasheet
301Kb / 12P
   40V LED DRIVER WITH EXTERNAL SWITCH
IS31LT3354-STLS2-TR ISSI-IS31LT3354-STLS2-TR Datasheet
301Kb / 12P
   40V LED DRIVER WITH EXTERNAL SWITCH
IS31LT3350-V1SDLS2-TR ISSI-IS31LT3350-V1SDLS2-TR Datasheet
421Kb / 12P
   40V LED DRIVER WITH INTERNAL SWITCH
logo
List of Unclassifed Man...
ZLED7000 ETC2-ZLED7000 Datasheet
706Kb / 20P
   40V LED Driver with Internal Switch
logo
Unisonic Technologies
L4075 UTC-L4075 Datasheet
174Kb / 5P
   40V LED DRIVER WITH INTERNAL SWITCH
logo
Renesas Technology Corp
ZLED7000 RENESAS-ZLED7000 Datasheet
739Kb / 19P
   40V LED Driver with Internal Switch
April 20, 2016
logo
Integrated Silicon Solu...
IS31LT3350 ISSI-IS31LT3350 Datasheet
421Kb / 12P
   40V LED DRIVER WITH INTERNAL SWITCH
logo
Unisonic Technologies
L4075 UTC-L4075_18 Datasheet
188Kb / 5P
   40V LED DRIVER WITH INTERNAL SWITCH
logo
Integrated Device Techn...
ZLED7000 IDT-ZLED7000 Datasheet
564Kb / 18P
   40V LED Driver with Internal Switch
logo
Integrated Silicon Solu...
IS31LT3360-SDLS3-TR ISSI-IS31LT3360-SDLS3-TR Datasheet
438Kb / 15P
   40V/1.2A LED DRIVER WITH INTERNAL SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com