Electronic Components Datasheet Search
  English  ▼

X  

IS31LT3354 Datasheet(PDF) 8 Page - Integrated Silicon Solution, Inc

Part # IS31LT3354
Description  40V LED DRIVER WITH EXTERNAL SWITCH
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS31LT3354 Datasheet(HTML) 8 Page - Integrated Silicon Solution, Inc

Back Button IS31LT3354 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS31LT3354 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS31LT3354 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS31LT3354 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS31LT3354 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS31LT3354 Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS31LT3354 Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS31LT3354 Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS31LT3354 Datasheet HTML 12Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
IS31LT3354
Integrated Silicon Solution, Inc. – www.issi.com
Rev. A, 09/01/2011
8
Inherent open-circuit LED protection
If the connection to the LED(s) is open-circuited, the
coil is isolated from the switch, so neither the chip nor
the switch will be damaged, unlike in many boost
converters, where the back EMF may damage the
switch by forcing the drain above its breakdown
voltage.
Capacitor selection
A low ESR capacitor should be used for input
decoupling, as the ESR of this capacitor appears in
series with the supply source impedance and lowers
overall efficiency. This capacitor has to supply the
relatively high peak current to the coil and smooth the
current ripple on the input supply.
If the source is DC supply, the capacitor is decided by
ripple of the source, the value is given by:
MAX
on
F
U
T
I
C
*
min
IF is the value of output current,
MAX
U
is the ripple
of power supply. Ton is the “ON” time of MOSFET the
value is normally 2 times of the minimum value.
If the source is an AC supply, typical output voltages
ripple from a nominal 12V AC transformer can be
±10%.If the input capacitor value is lower than 200μF,
the AC input waveform is distorted, sometimes the
lowest value will be lower than the forward voltage of
LED strings. This lower the average current of the
LEDs. So it is recommended to set the value of the
capacitor bigger than 200uF.
For maximum stability over temperature and voltage,
capacitors with X7R, X5R, or better dielectric are
recommended. Capacitors with Y5V dielectric are not
suitable for decoupling in this application and should
not be used.
Switch MOSFET selection
The IS31LT3354 demands a power N-MOSFET as a
switch. The voltage and current rating of the MOSFET
must be higher than the application output voltage and
the inductor peak current. The VGS(th) of MOSFET
should be lower than 3V and the RDSon should be as
low as possible for maximum efficiency and
performance. AP2306 and AP2310 are recommended.
NOTE: For the recommended MOSFETs, the
maximum load current is about 2A. For high current
applications, the operating input voltage, the LED
current, and the switching frequency will determine the
operating temperature of the MOSFET. Switching
frequency can be lowered by choosing a larger value
of inductance, however, the MOSFET specifications
must be carefully analyzed first. The key
specifications to consider are RDSON and CDS, both
should be as low as possible.
Inductor selection
Recommended inductor values for the IS31LT3354
are in the range 47μH to 220μH.
Higher values of inductance are recommended at
higher supply voltages and low output current in order
to minimize errors due to switching delays, which
result in increased ripple and lower efficiency. Higher
values of inductance also result in a smaller change in
output current over the supply voltage range. (See
graphs). The inductor should be mounted as close to
the chip as possible with low resistance connections to
the GATE and VIN pins.
The chosen coil should have a saturation current
higher than the peak output current and a continuous
current rating above the required mean output current.
It is recommended to use an inductor with saturation
current bigger than 1.2A for 700mA output current and
inductor with saturation current bigger than 500mA for
350mA output current.
The inductor value should be chosen to maintain
operating duty cycle and switch 'on/off' times within the
specified limits over the supply voltage and load
current range.
The following equations can be used as a guide.
Switch 'On' time
)
(
LX
S
AVG
LED
IN
ON
R
rL
R
I
V
V
I
L
T
Note:
TONmin>200ns
Switch 'Off' time
)
(
S
AVG
D
LED
OFF
R
rL
I
V
V
I
L
T
Note:
TOFFmin>200ns
Where:
L is the coil inductance (H)
rL is the coil resistance (Ω)
Iavg is the required LED current (A)
∆I is the coil peak-peak ripple current (A) {Internally set
to 0.3 × Iavg}
VIN is the supply voltage (V)
VLED is the total LED forward voltage (V)
RLX is the switch resistance (Ω)
VD is the diode forward voltage at the required load
current (V)


Similar Part No. - IS31LT3354

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31LT3354-STLS2 ISSI-IS31LT3354-STLS2 Datasheet
301Kb / 12P
   40V LED DRIVER WITH EXTERNAL SWITCH
IS31LT3354-STLS2-TR ISSI-IS31LT3354-STLS2-TR Datasheet
301Kb / 12P
   40V LED DRIVER WITH EXTERNAL SWITCH
More results

Similar Description - IS31LT3354

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31LT3354-STLS2 ISSI-IS31LT3354-STLS2 Datasheet
301Kb / 12P
   40V LED DRIVER WITH EXTERNAL SWITCH
IS31LT3354-STLS2-TR ISSI-IS31LT3354-STLS2-TR Datasheet
301Kb / 12P
   40V LED DRIVER WITH EXTERNAL SWITCH
IS31LT3350-V1SDLS2-TR ISSI-IS31LT3350-V1SDLS2-TR Datasheet
421Kb / 12P
   40V LED DRIVER WITH INTERNAL SWITCH
logo
List of Unclassifed Man...
ZLED7000 ETC2-ZLED7000 Datasheet
706Kb / 20P
   40V LED Driver with Internal Switch
logo
Unisonic Technologies
L4075 UTC-L4075 Datasheet
174Kb / 5P
   40V LED DRIVER WITH INTERNAL SWITCH
logo
Renesas Technology Corp
ZLED7000 RENESAS-ZLED7000 Datasheet
739Kb / 19P
   40V LED Driver with Internal Switch
April 20, 2016
logo
Integrated Silicon Solu...
IS31LT3350 ISSI-IS31LT3350 Datasheet
421Kb / 12P
   40V LED DRIVER WITH INTERNAL SWITCH
logo
Unisonic Technologies
L4075 UTC-L4075_18 Datasheet
188Kb / 5P
   40V LED DRIVER WITH INTERNAL SWITCH
logo
Integrated Device Techn...
ZLED7000 IDT-ZLED7000 Datasheet
564Kb / 18P
   40V LED Driver with Internal Switch
logo
Integrated Silicon Solu...
IS31LT3360-SDLS3-TR ISSI-IS31LT3360-SDLS3-TR Datasheet
438Kb / 15P
   40V/1.2A LED DRIVER WITH INTERNAL SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com