Electronic Components Datasheet Search
  English  ▼

X  

CPC-44-MR-LR-CLFA Datasheet(PDF) 6 Page - Source Photonics, Inc.

Part # CPC-44-MR-LR-CLFA
Description  Support 40GBASE-LR4 application
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

CPC-44-MR-LR-CLFA Datasheet(HTML) 6 Page - Source Photonics, Inc.

  CPC-44-MR-LR-CLFA Datasheet HTML 1Page - Source Photonics, Inc. CPC-44-MR-LR-CLFA Datasheet HTML 2Page - Source Photonics, Inc. CPC-44-MR-LR-CLFA Datasheet HTML 3Page - Source Photonics, Inc. CPC-44-MR-LR-CLFA Datasheet HTML 4Page - Source Photonics, Inc. CPC-44-MR-LR-CLFA Datasheet HTML 5Page - Source Photonics, Inc. CPC-44-MR-LR-CLFA Datasheet HTML 6Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
DS-6375
Rev 00
2010-12-13
Preliminary Datasheet
CPC-44-MR-LR-CLFA
Warnings
Handling Precautions: This device is susceptible to damage as a result of electrostatic discharge (ESD).
A static free environment is highly recommended. Follow guidelines according to proper ESD procedures.
Laser Safety: Radiation emitted by laser devices can be dangerous to human eyes. Avoid eye exposure to
direct or indirect radiation.
Legal Notice
IMPORTANT NOTICE!
All information contained in this document is subject to change without not
ice, at Source Photonics’s sole
and absolute discretion. Source Photonics warrants performance of its products to current specifications
only in accordance with the company’s standard one-year warranty; however, specifications designated as
“preliminary” are given to describe components only, and Source Photonics expressly disclaims any and all
warranties for said products, including express, implied, and statutory warranties, warranties of
merchantability, fitness for a particular purpose, and non-infringement of proprietary rights. Please refer to
the company’s Terms and Conditions of Sale for further warranty information.
Source Photonics assumes no liability for applications assistance, customer product design, software
performance, or infringement of patents, services, or intellectual property described herein. No license,
either express or implied, is granted under any patent right, copyright, or intellectual property right, and
Source Photonics makes no representations or warranties that the product(s) described herein are free
from patent, copyright, or intellectual property rights. Products described in this document are NOT
intended for use in implantation or other life support applications where malfunction may result in injury or
death to persons. Source Photonics customers using or selling products for use in such applications do so
at their own risk and agree to fully defend and indemnify Source Photonics for any damages resulting from
such use or sale.
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROVIDED ON AN “AS IS” BASIS. Customer
agrees that Source Photonics is not liable for any actual, consequential, exemplary, or other damages
arising directly or indirectly from any use of the information contained in this document. Customer must
contact Source Photonics to obtain the latest version of this publication to verify, before placing any order,
that the information contained herein is current.
Contact
U.S.A. Headquarters
20550 Nordhoff Street
Chatsworth, CA 91311
USA
Tel: +1-818-773-9044
Fax: +1-818-773-0261
China
Building #2&5, West Export Processing Zone
No. 8 Kexin Road, Hi-Tech Zone
Chengdu, 611731, China
Tel: +86-28-8795-8788
Fax: +86-28-8795-8789
Taiwan
9F, No 81, Shui Lee Rd.
Hsinchu, Taiwan, R.O.C.
Tel: +886-3-5169222
Fax: +886-3-5169213
© Copyright Source Photonics, Inc. 2007~2010
All rights reserved


Similar Part No. - CPC-44-MR-LR-CLFA

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
CPC0.3GC SENSORTECHNICS-CPC0.3GC Datasheet
83Kb / 6P
   Precision compensated pressure sensors / mV-output
CPC0.3GFC SENSORTECHNICS-CPC0.3GFC Datasheet
83Kb / 6P
   Precision compensated pressure sensors / mV-output
logo
Central Semiconductor C...
CPC01 CENTRAL-CPC01 Datasheet
522Kb / 2P
   Silicon Carbide Schottky Rectifier Die 10 Amp, 1200 Volt
logo
Sensortechnics GmbH
CPC01DFC SENSORTECHNICS-CPC01DFC Datasheet
83Kb / 6P
   Precision compensated pressure sensors / mV-output
CPC01GFC SENSORTECHNICS-CPC01GFC Datasheet
83Kb / 6P
   Precision compensated pressure sensors / mV-output
More results

Similar Description - CPC-44-MR-LR-CLFA

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
S0275-CFP2XL4L2C000E1G OPLINK-S0275-CFP2XL4L2C000E1G Datasheet
261Kb / 1P
   40GBASE-LR4 CFP Transceiver
S0240-CFP1XL4L2C000E1G OPLINK-S0240-CFP1XL4L2C000E1G Datasheet
273Kb / 1P
   40GBASE-LR4 CFP Transceiver
CFPXXL4L2C000O3G OPLINK-CFPXXL4L2C000O3G Datasheet
143Kb / 1P
   Multirate 40GBASE-LR4 CFP Transceiver
logo
Finisar Corporation.
FTL4C1QE1L FINISAR-FTL4C1QE1L Datasheet
473Kb / 8P
   40GBASE-LR4 QSFP Optical Transceiver Module
FTL4C1QL1L FINISAR-FTL4C1QL1L Datasheet
467Kb / 8P
   40GBASE-LR4 QSFP Optical Transceiver Module
FTL4C1QE1C FINISAR-FTL4C1QE1C Datasheet
461Kb / 8P
   40GBASE-LR4 QSFP Optical Transceiver Module
FTL4C1QE2C FINISAR-FTL4C1QE2C Datasheet
444Kb / 8P
   40GBASE-LR4 QSFP Optical Transceiver Module
FTL4C1QL1C FINISAR-FTL4C1QL1C Datasheet
254Kb / 9P
   40GBASE-LR4 Lite QSFP Optical Transceiver Module
FTL4C1QL2C FINISAR-FTL4C1QL2C Datasheet
499Kb / 8P
   40GBASE-LR4 Lite QSFP Optical Transceiver Module
logo
California Eastern Labs
NX6350EP CEL-NX6350EP Datasheet
1,013Kb / 6P
   LASER DIODE 1 270/1 290/1 310/1 330 nm AlGaInAs MQW-DFB LASER DIODE FOR 40GBASE-LR4 APPLICATION
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com