Electronic Components Datasheet Search
  English  ▼

X  

CPC-44-MR-LR-CLFA Datasheet(PDF) 2 Page - Source Photonics, Inc.

Part # CPC-44-MR-LR-CLFA
Description  Support 40GBASE-LR4 application
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

CPC-44-MR-LR-CLFA Datasheet(HTML) 2 Page - Source Photonics, Inc.

  CPC-44-MR-LR-CLFA Datasheet HTML 1Page - Source Photonics, Inc. CPC-44-MR-LR-CLFA Datasheet HTML 2Page - Source Photonics, Inc. CPC-44-MR-LR-CLFA Datasheet HTML 3Page - Source Photonics, Inc. CPC-44-MR-LR-CLFA Datasheet HTML 4Page - Source Photonics, Inc. CPC-44-MR-LR-CLFA Datasheet HTML 5Page - Source Photonics, Inc. CPC-44-MR-LR-CLFA Datasheet HTML 6Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DS-6375
Rev 00
2010-12-13
Preliminary Datasheet
CPC-44-MR-LR-CLFA
Optical Characteristics
Table 3
– Optical Characteristics
Transmitter
Parameter
Symbol
Min.
Typical
Max.
Unit
Notes
Center Wavelength Range Lane 0
λ
C0
1264.5
1271
1277.5
nm
Center Wavelength Range Lane 1
λ
C1
1284.5
1291
1297.5
nm
Center Wavelength Range Lane 2
λ
C2
1304.5
1311
1317.5
nm
Center Wavelength Range Lane 3
λ
C3
1324.5
1331
1337.5
nm
Total Launch Output Power
PTOT
-
-
8.3
dBm
1
Average Launch Power per Lane
PTX_AVE_LANE
-
-
2.3
dBm
Optical Modulation Amplitude per Lane
OMA
-4
-
-
dBm
1
Optical Modulation Amplitude
–TDP per Lane
OMA_TDP
-4.8
-
-
dBm
Average Output Power (Laser Off)
P0UT-OFF
-
-
-30
dBm
1
Side Mode Suppression Ratio
SMSR
30
-
-
dB
Extinction Ratio
ER
3.5
-
-
dB
2
Transmitter and Dispersion Penalty
TDP
-
-
2.3
dB
Optical Return Loss Tolerance
ORLT
-
-
12
dB
Optical Eye Mask
Compliant with IEEE 802.3ba-2010
2
Receiver
Center Wavelength Range Lane 0
λ
C0
1264.5
1271
1277.5
nm
Center Wavelength Range Lane 1
λ
C1
1284.5
1291
1297.5
nm
Center Wavelength Range Lane 2
λ
C2
1304.5
1311
1317.5
nm
Center Wavelength Range Lane 3
λ
C3
1324.5
1331
1337.5
nm
Average Rx Power per Lane
PRX_AVE_LANE
-13.7
2.3
dBm
Rx Sensitivity in OMA per Lane
PIN-SENS_OMA_LANE
-
-
-11.5
dBm
3
Stress Rx Sensitivity in OMA per Lane
PIN-SENS_STRESS_OMA_LANE
-
-
-9.9
dBm
3
Receiver Overload
PIN-OL
2.3
-
-
dBm
3
Optical Return Loss
Ref
-
-
-26
dB
LOS Assert per lane
LOSA
-25
-
-
dBm
LOS Hysteresis
LOSH
0.5
-
2.0
dB
Notes:
1.
The optical power is launched into SMF.
2.
Measured with a PRBS 2
31-1 test pattern @10.3125Gbps.
3.
Measured with a PRBS 2
31-1 test pattern @10.3125Gbps, BER≤10-12.


Similar Part No. - CPC-44-MR-LR-CLFA

ManufacturerPart #DatasheetDescription
logo
Coherent Corp
CPC-1040 COHERENT-CPC-1040 Datasheet
401Kb / 3P
Compact Pulse Compressor Accessory
CPC-II COHERENT-CPC-II Datasheet
457Kb / 3P
Compact Pulse Compressor for Vitara
More results

Similar Description - CPC-44-MR-LR-CLFA

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
S0240-CFP1XL4L2C000E1G OPLINK-S0240-CFP1XL4L2C000E1G Datasheet
273Kb / 1P
40GBASE-LR4 CFP Transceiver
S0275-CFP2XL4L2C000E1G OPLINK-S0275-CFP2XL4L2C000E1G Datasheet
261Kb / 1P
40GBASE-LR4 CFP Transceiver
logo
Finisar Corporation.
FTL4C1QE1C FINISAR-FTL4C1QE1C Datasheet
461Kb / 8P
40GBASE-LR4 QSFP Optical Transceiver Module
logo
California Eastern Labs
NX6350EP CEL-NX6350EP Datasheet
1,013Kb / 6P
LASER DIODE 1 270/1 290/1 310/1 330 nm AlGaInAs MQW-DFB LASER DIODE FOR 40GBASE-LR4 APPLICATION
logo
OPLINK Communications I...
CFPXXL4L2C000O3G OPLINK-CFPXXL4L2C000O3G Datasheet
143Kb / 1P
Multirate 40GBASE-LR4 CFP Transceiver
logo
Finisar Corporation.
FTL4C1QE1L FINISAR-FTL4C1QE1L Datasheet
473Kb / 8P
40GBASE-LR4 QSFP Optical Transceiver Module
FTL4C1QL1C FINISAR-FTL4C1QL1C Datasheet
254Kb / 9P
40GBASE-LR4 Lite QSFP Optical Transceiver Module
FTL4C1QL1L FINISAR-FTL4C1QL1L Datasheet
467Kb / 8P
40GBASE-LR4 QSFP Optical Transceiver Module
FTL4C1QE2C FINISAR-FTL4C1QE2C Datasheet
444Kb / 8P
40GBASE-LR4 QSFP Optical Transceiver Module
FTL4C1QL2C FINISAR-FTL4C1QL2C Datasheet
499Kb / 8P
40GBASE-LR4 Lite QSFP Optical Transceiver Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com