Electronic Components Datasheet Search
  English  ▼

X  

CPC-44-MR-LR-CLFA Datasheet(PDF) 3 Page - Source Photonics, Inc.

Part # CPC-44-MR-LR-CLFA
Description  Support 40GBASE-LR4 application
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

CPC-44-MR-LR-CLFA Datasheet(HTML) 3 Page - Source Photonics, Inc.

  CPC-44-MR-LR-CLFA Datasheet HTML 1Page - Source Photonics, Inc. CPC-44-MR-LR-CLFA Datasheet HTML 2Page - Source Photonics, Inc. CPC-44-MR-LR-CLFA Datasheet HTML 3Page - Source Photonics, Inc. CPC-44-MR-LR-CLFA Datasheet HTML 4Page - Source Photonics, Inc. CPC-44-MR-LR-CLFA Datasheet HTML 5Page - Source Photonics, Inc. CPC-44-MR-LR-CLFA Datasheet HTML 6Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DS-6375
Rev 00
2010-12-13
Preliminary Datasheet
CPC-44-MR-LR-CLFA
Electrical Characteristics
Table 4
– Electrical Characteristics
Transmitter
Parameter
Symbol
Min.
Typical
Max.
Unit
Notes
Differential Data Input Amplitude
VIN,P-P
400
-
1000
mVpp
Input Differential Impedance
ZIN
80
100
120
Ω
Tx_Fault
Normal Operation
VOL
-0.3
-
0.4
V
Transmitter Fault
VOH
2.4
-
VCC
V
Tx_Disable
Normal Operation
VIL
-0.3
-
0.8
V
Laser Disable
VIH
2.0
-
VCC+0.3
V
Receiver
Differential Data Output Amplitude
VOUT,P-P
200
-
1600
mVpp
Output Differential Impedance
ZO
80
100
120
Ω
Output Rise/Fall Time, 10%~90%
TR
30
-
-
ps
Rx_LOS
Normal Operation
VOL
-0.3
-
0.4
V
Lose Signal
VOH
2.4
-
VCC
V
Pin Definitions
Figure 1, Pin View


Similar Part No. - CPC-44-MR-LR-CLFA

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
CPC0.3GC SENSORTECHNICS-CPC0.3GC Datasheet
83Kb / 6P
Precision compensated pressure sensors / mV-output
CPC0.3GFC SENSORTECHNICS-CPC0.3GFC Datasheet
83Kb / 6P
Precision compensated pressure sensors / mV-output
logo
Central Semiconductor C...
CPC01 CENTRAL-CPC01 Datasheet
522Kb / 2P
Silicon Carbide Schottky Rectifier Die 10 Amp, 1200 Volt
logo
Sensortechnics GmbH
CPC01DFC SENSORTECHNICS-CPC01DFC Datasheet
83Kb / 6P
Precision compensated pressure sensors / mV-output
CPC01GFC SENSORTECHNICS-CPC01GFC Datasheet
83Kb / 6P
Precision compensated pressure sensors / mV-output
More results

Similar Description - CPC-44-MR-LR-CLFA

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
S0275-CFP2XL4L2C000E1G OPLINK-S0275-CFP2XL4L2C000E1G Datasheet
261Kb / 1P
40GBASE-LR4 CFP Transceiver
S0240-CFP1XL4L2C000E1G OPLINK-S0240-CFP1XL4L2C000E1G Datasheet
273Kb / 1P
40GBASE-LR4 CFP Transceiver
CFPXXL4L2C000O3G OPLINK-CFPXXL4L2C000O3G Datasheet
143Kb / 1P
Multirate 40GBASE-LR4 CFP Transceiver
logo
Finisar Corporation.
FTL4C1QE1L FINISAR-FTL4C1QE1L Datasheet
473Kb / 8P
40GBASE-LR4 QSFP Optical Transceiver Module
FTL4C1QL1L FINISAR-FTL4C1QL1L Datasheet
467Kb / 8P
40GBASE-LR4 QSFP Optical Transceiver Module
FTL4C1QE1C FINISAR-FTL4C1QE1C Datasheet
461Kb / 8P
40GBASE-LR4 QSFP Optical Transceiver Module
FTL4C1QE2C FINISAR-FTL4C1QE2C Datasheet
444Kb / 8P
40GBASE-LR4 QSFP Optical Transceiver Module
FTL4C1QL1C FINISAR-FTL4C1QL1C Datasheet
254Kb / 9P
40GBASE-LR4 Lite QSFP Optical Transceiver Module
FTL4C1QL2C FINISAR-FTL4C1QL2C Datasheet
499Kb / 8P
40GBASE-LR4 Lite QSFP Optical Transceiver Module
logo
California Eastern Labs
NX6350EP CEL-NX6350EP Datasheet
1,013Kb / 6P
LASER DIODE 1 270/1 290/1 310/1 330 nm AlGaInAs MQW-DFB LASER DIODE FOR 40GBASE-LR4 APPLICATION
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com