Electronic Components Datasheet Search
  English  ▼

X  

W2RV005RM Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # W2RV005RM
Description  Most Suitable Constant Current IC for Driving Full Color LED
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

W2RV005RM Datasheet(HTML) 1 Page - Omron Electronics LLC

  W2RV005RM Datasheet HTML 1Page - Omron Electronics LLC W2RV005RM Datasheet HTML 2Page - Omron Electronics LLC W2RV005RM Datasheet HTML 3Page - Omron Electronics LLC W2RV005RM Datasheet HTML 4Page - Omron Electronics LLC W2RV005RM Datasheet HTML 5Page - Omron Electronics LLC W2RV005RM Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Constant Current IC
W2RV005RM
1
Constant Current IC
W2RV005RM
Most Suitable Constant Current IC for
Driving Full Color LED
• Built-in 3 lines required to drive full color LED.
• Easy thermal design due to large power dissipation.
• Contained in the 2.9 x 2.8-mm small package.
• Can be used as a stand-alone IC or can be driven by
Omron’s W2RF004RM and W2RF002RF LED Control IC’s.
• RoHS Compliant
Ordering Information
Specifications
Absolute Maximum Ratings (Ta = 25°C)
Note: 1. Take the power consumption and power dissipation into consideration.
2. When implemented on a standard board (70 x 70 x 1.6 mm, Cu 3%,
Single-sided glass epoxy board). The value reduces at a rate of about
4.7 mW/
°C when the IC is used at Ta = 25°C or higher.
Recommended Operating Conditions
Electrical Characteristics (Ta = 25°C, V
CC = 12V)
Description
Model
Constant Current IC
W2RV005RM
Item
Symbol
Rating
Supply Voltage
V
CC
36 V
Output Voltage
V
OUT
36 V
Output Current / terminal
I
OUT
50 mA (see note 1)
Input Voltage
V
IN
-0.3 to 6 V
Power Dissipation
Pd
IC alone: 387 mW
Standard Board: 587 mW
(see note 2)
Operating Temperature
T
OPR
-20 to 85
°C
Storage Temperature
T
STG
-40 to 150
°C
Junction Temperature
T
JMAX
150
°C
Item
Symbol
Rating
Supply Voltage
V
CC
4.5 to 20 V
Output Voltage
V
OUT
2.0 to 20 V
Output Current / terminal
I
OUT
3.0 to 30 mA
Item
Symbol
Condition
Spec.
Unit
Applicable
terminal
Min.
Typ.
Max.
Standby current consumption
I
CC1
IN1 to 3: OPEN
- - -
0.7
1.4
mA
V
CC
Operating current consumption
I
CC2
R
IN = 6.8 kΩ, VOUT = 4.0 V, All CH: ON
- - -
5.5
7.6
mA
V
CC
Output current 1
I
OUT1
R
IN = 6.8 kΩ, VOUT = 4.0 V, All CH: ON
19.5
20.8
22.1
mA
OUT1 to 3
Output current 2
I
OUT2
R
IN = 13 kΩ, VOUT = 4.0 V, All CH: ON
10.5
11.2
11.9
mA
OUT1 to 3
Current error between channels
ΔI
OUT
R
IN = 6.8 kΩ, VOUT = 4.0 V
-3.0
- - -
3.0
%
OUT1 to 3
Output current voltage fluctuation
ΔIV
R
IN = 6.8 kΩ, VOUT = 7.0 ± 4.0 V
-3.0
- - -
3.0
%
OUT1 to 3
Inverting input current for OFF
I
OFF
- - -
- - -
- - -
17.0
μA
IN1 to 3
Inverting input current for ON
I
ON
- - -
42.0
- - -
- - -
μA
IN1 to 3
ON output propagation time
t
ON
R
IN = 6.8 kΩ, VOUT = 4.0 V,
Output current I
OUT x 0.9 arrival time
- - -
1.0
- - -
μS
IN1 to 3
OUT1 to 3
OFF output propagation time
t
OFF
R
IN = 6.8 kΩ, VOUT = 4.0 V,
Output current I
OUT x 0.1 arrival time
- - -
0.4
- - -
μS
IN1 to 3
OUT1 to 3


Similar Part No. - W2RV005RM

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
W2RF002RF OMRON-W2RF002RF Datasheet
592Kb / 10P
   Most Suitable IC for Controlling LED Effects within Applications
W2RF004RM OMRON-W2RF004RM Datasheet
622Kb / 10P
   Most Suitable IC for Controlling LED Effects within Applications
W2RG012RN OMRON-W2RG012RN Datasheet
239Kb / 21P
   Optimal IC for LED Control
logo
M-System Co.,Ltd.
W2RS MSYSTEM-W2RS Datasheet
110Kb / 4P
   Space-saving Dual Output Signal Conditioners Mini-MW Series
W2RS-011-M2 MSYSTEM-W2RS-011-M2 Datasheet
110Kb / 4P
   Space-saving Dual Output Signal Conditioners Mini-MW Series
More results

Similar Description - W2RV005RM

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2108AQ SONY-CXA2108AQ Datasheet
282Kb / 27P
   Constant-Current Driver for Full Color LED Display
CXA2108Q SONY-CXA2108Q Datasheet
288Kb / 28P
   Constant-Current Driver for Full Color LED Display
logo
Omron Electronics LLC
W2RF004RM OMRON-W2RF004RM Datasheet
622Kb / 10P
   Most Suitable IC for Controlling LED Effects within Applications
W2RF002RF OMRON-W2RF002RF Datasheet
592Kb / 10P
   Most Suitable IC for Controlling LED Effects within Applications
logo
Grenergy Opto, lnc.
GR6004 GRENERGY-GR6004 Datasheet
756Kb / 13P
   Constant Current Switching Converter for High Brightness LED Driving
logo
Toshiba Semiconductor
5VHZ52 TOSHIBA-5VHZ52 Datasheet
127Kb / 2P
   SILICON DIFFUSED TYPE (MOST SUITABLE FOR COLOR T.V DAMPER)
logo
List of Unclassifed Man...
APA102C ETC1-APA102C Datasheet
880Kb / 5P
   rgb full color led control ic
logo
SHENZHEN FUMAN ELECTRON...
TC1360 FUMAN-TC1360 Datasheet
350Kb / 10P
   LED constant current driver IC
logo
STMicroelectronics
STEVAL-ILL031V1 STMICROELECTRONICS-STEVAL-ILL031V1 Datasheet
145Kb / 6P
   Digital constant-current controller for LED driving based on the STM8S208x
logo
List of Unclassifed Man...
LPD1886 ETC2-LPD1886 Datasheet
1Mb / 6P
   Output three-channel constant current driving
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com