Electronic Components Datasheet Search
  English  ▼

X  

DBMM25PA Datasheet(PDF) 105 Page - ITT Industries

Part # DBMM25PA
Description  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DBMM25PA Datasheet(HTML) 105 Page - ITT Industries

Back Button DBMM25PA Datasheet HTML 101Page - ITT Industries DBMM25PA Datasheet HTML 102Page - ITT Industries DBMM25PA Datasheet HTML 103Page - ITT Industries DBMM25PA Datasheet HTML 104Page - ITT Industries DBMM25PA Datasheet HTML 105Page - ITT Industries DBMM25PA Datasheet HTML 106Page - ITT Industries DBMM25PA Datasheet HTML 107Page - ITT Industries DBMM25PA Datasheet HTML 108Page - ITT Industries DBMM25PA Datasheet HTML 109Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
104
D Subminiature
Filter D
Selection Index
Page
Filter D
An Introduction to D*JK and D*JT ........................................ 105
D*JK Filter Performance and Electrical Data ................................ 106
D*JT Filter Performance and Electrical Data ................................ 107
D*JK Connectors
Standard Footprint .318
or .283
inches
90
° PC Tails ...................................................... 108
90
° PC Tails, Metal Brackets .......................................... 112
European Footprint 10,2
or 9,4
mm
90
° PC Tails ...................................................... 110
90
° PC Tails, Metal Brackets .......................................... 114
90
° PC Tails, Plastic Brackets & Grounding Straps ......................... 116
90
° PC Tails, Plastic Brackets ......................................... 118
Straight PC Tails ................................................... 120
D*JT Connectors
Solder Cup ......................................................... 122
Combo — High Power 90
°............................................. 124
Combo — High Power Straight.......................................... 126
Combo — High Power Solder Cup ....................................... 128
Connector footprint measured from the front shell.
Connector footprint measured from the rear shell.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com