Electronic Components Datasheet Search
  English  ▼

X  

DDMM50SC Datasheet(PDF) 175 Page - ITT Industries

Part # DDMM50SC
Description  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DDMM50SC Datasheet(HTML) 175 Page - ITT Industries

Back Button DDMM50SC Datasheet HTML 171Page - ITT Industries DDMM50SC Datasheet HTML 172Page - ITT Industries DDMM50SC Datasheet HTML 173Page - ITT Industries DDMM50SC Datasheet HTML 174Page - ITT Industries DDMM50SC Datasheet HTML 175Page - ITT Industries DDMM50SC Datasheet HTML 176Page - ITT Industries DDMM50SC Datasheet HTML 177Page - ITT Industries DDMM50SC Datasheet HTML 178Page - ITT Industries DDMM50SC Datasheet HTML 179Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
174
D Subminiature
Space/High Reliability
90
° PC Tail with Plastic Bracket
Plug
Reader’s Resource
For contact cavity arrangements,
see page 224.
For P.C. hole patterns, see page 272.
For panel cutouts, see page 221.
Part Numbers
Shell Size
Layout
Part Number
DE
9
DEM9PLNM*
DA
15
DAM15PLNM*
DB
25
DBM25PLNM*
DC
37
DCM37PLNM*
DD
50
DDM50PLNM*
Notes: * For Residual Magnetism Level of 200 gamma, add B. Example: DEM9PLNMB
For shells with 50 microinches gold, add K52. Example: DEM9PLNMK52
Dimensions
Shell Size
A
±0,38 (.015)
B
±0,13 (.005)
C
±0,13 (.005)
D
±0,13 (.005)
E
±0,38 (.015)
F
±0,25 (.010)
W
±0,368 (.0145)
W
±0,41 (.016)
L
±0,25 (.010)
M
±0,25 (.010)
N
±0,13 (.005)
DE
30,81 (1.213)
16,92 (.666)
24,99 (.984)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,693 (.2635)
—
0,76 (.030)
12,30 (.484)
8,64 (.340)
DA
39,14 (1.541)
25,25 (.994)
33,32 (1.312)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,693 (.2635)
—
0,76 (.030)
12,30 (.484)
8,64 (.340)
DB
53,04 (2.088)
38,96 (1.534)
47,04 (1.852)
8,36 (.329)
12,55 (.494)
10,82 (.426)
—
6,84 (.269)
0,99 (.039)
12,30 (.484)
8,64 (.340)
DC
69,32 (2.729)
55,42 (2.182)
63,50 (2.500)
8,36 (.329)
12,55 (.494)
10,82 (.426)
—
6,84 (.269)
0,99 (.039)
12,30 (.484)
8,64 (.340)
DD
66,93 (2.635)
52,81 (2.079)
61,11 (2.406)
11,07 (.436)
15,37 (.605)
10,82 (.426)
—
6,84 (.269)
0,99 (.039)
15,09 (.594)
10,04 (.395)
Engaging Face
DD Configuration
A
C
B
ED
10
°
Ø 0,76 (.030)
M
N
Ø 3,05
(.120)
2,84
(.112)
7,18
± 0,25
(.283
± .010)
5,68
(.224)
L
4,01
± 0,69
(.158
± .027)
2,84
(.112)
F
W
7,18
± 0,25
(.283
± .010)
4,01
± 0,69
(.158
± .027)