Electronic Components Datasheet Search
  English  ▼

X  

DEMM9P Datasheet(PDF) 172 Page - ITT Industries

Part # DEMM9P
Description  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DEMM9P Datasheet(HTML) 172 Page - ITT Industries

Back Button DEMM9P Datasheet HTML 168Page - ITT Industries DEMM9P Datasheet HTML 169Page - ITT Industries DEMM9P Datasheet HTML 170Page - ITT Industries DEMM9P Datasheet HTML 171Page - ITT Industries DEMM9P Datasheet HTML 172Page - ITT Industries DEMM9P Datasheet HTML 173Page - ITT Industries DEMM9P Datasheet HTML 174Page - ITT Industries DEMM9P Datasheet HTML 175Page - ITT Industries DEMM9P Datasheet HTML 176Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
171
D Subminiature
Space/High Reliability
Materials and Finishes
Connector Assembly (Shells — Yellow Chromate over Cadmium)
Description
Material
Finish
Shell
Brass per QQ-B-613
Yellow chromate over cadmium
QQ-P-416, Type II, Class 2
Insulator
Diallyl Phthalate glass-filled
per MIL-M-14, type SDG-F,
Color: White (or functional
equivalent polyester)*
None
Contact
Copper alloy
Gold 50 microinches min.
thickness per MIL-G-45204, Type II,
Class 1 over copper per MIL-C-14550
Float Mount,
Brackets, Captive Nuts
Hardware
Brass
Yellow chromate over cadmium
QQ-P-416, Type II, Class 2
Connector Assembly (Shells — Gold over Copper — K52)
Shell
Brass per QQ-B-613
Gold 50 microinches min.
thickness per MIL-G-45204, Type II,
Class 1 over copper per MIL-C-14550
Insulator
Diallyl Phthalate glass-filled
per MIL-M-14, type SDG-F,
Color: White (or functional
equivalent polyester)*
None
Contact
Copper alloy
Gold 50 microinches min.
thickness per MIL-G-45204, Type II,
Class 1 over copper per MIL-C-14550
Float Mount,
Brackets, Captive Nuts
Hardware
Brass
Gold
Coaxial/High Power Contact Assemblies
Outer Coaxial Shell
Copper alloy
Gold 50 microinches min.
thickness per MIL-G-45204, Type II,
Class 1 over copper per MIL-C-14550
Center Coaxial Contact
Copper alloy
Gold 50 microinches min.
thickness per MIL-G-45204, Type II,
Class 1 over copper per MIL-C-14550
Insulator (Coaxial Only)
Teflon
None
Retaining Ring
Copper alloy
Gold
High Power Contact
Copper alloy
Gold 50 microinches min.
thickness per MIL-G-45204, Type II,
Class 1 over copper per MIL-C-14550
* Pending qualification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com