Electronic Components Datasheet Search
  English  ▼

X  

DEMM9P Datasheet(PDF) 206 Page - ITT Industries

Part # DEMM9P
Description  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DEMM9P Datasheet(HTML) 206 Page - ITT Industries

Back Button DEMM9P Datasheet HTML 202Page - ITT Industries DEMM9P Datasheet HTML 203Page - ITT Industries DEMM9P Datasheet HTML 204Page - ITT Industries DEMM9P Datasheet HTML 205Page - ITT Industries DEMM9P Datasheet HTML 206Page - ITT Industries DEMM9P Datasheet HTML 207Page - ITT Industries DEMM9P Datasheet HTML 208Page - ITT Industries DEMM9P Datasheet HTML 209Page - ITT Industries DEMM9P Datasheet HTML 210Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
205
D Subminiature Accessories
Plastic Backshell
Plastic Backshell
Snap-Together Universal
A 2-piece snap-together design for quick
assembly
Customer furnishes tie-wrap
Materials and Finishes
Material:
Black Thermoplastic,
UL 94V-0 rated
C
Ø B MAX
CABLE ENTRY
39,50
(1.555)
42,50
(1.673)
D
Shell
Size
Layout
Part
Number
X B
max.
C
±0,20 (.008)
D
±0,20 (.008)
DE
9
DE115339-20
7,01 (.276)
17,00 (.669)
19,51 (.768)
DA
15
DA115339-21
9,60 (.378)
17,00 (.669)
27,79 (1.094)
DB
25
DB115339-22
11,61 (.457)
17,00 (.669)
41,61 (1.638)
DC
37
DC115339-23
13,00 (.512)
17,00 (.669)
57,99 (2.283)
DD
50
DD115339-24
16,00 (.630)
19,81 (.780)
52,32 (2.060)
One-Piece Snap-Together
Low cost
Easy to assemble
Mounting hardware included
2 thumbscrews, 2 cable clamps
Materials and Finishes
Backshell Material: Polypropylene
Hardware Material: Steel
Hardware Finish:
Yellow chromate over zinc
A
C
CLAMP,
METAL
CLAMP,
THERMOPLASTIC
Ø D MAX
CABLE ENTRY
16,21
(.638)
E
48,00
(1.890)
Shell
Size
Layout
Part
Number
A
C
X D
max.
E
DE
9
DEBS-9
35,20 (1.386)
24,99 (.984)
5,69 (.224)
27,51 (1.083)
DA
15
DABS-15
43,31 (1.705)
33,33 (1.312)
5,69 (.224)
31,19 (1.228)
DB
25
DBBS-25
57,20 (2.252)
47,04 (1.852)
6,50 (.256)
38,30 (1.508)
DC-37 and DD-50 are not available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com