Electronic Components Datasheet Search
  English  ▼

X  

DEMM9P Datasheet(PDF) 260 Page - ITT Industries

Part # DEMM9P
Description  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DEMM9P Datasheet(HTML) 260 Page - ITT Industries

Back Button DEMM9P Datasheet HTML 256Page - ITT Industries DEMM9P Datasheet HTML 257Page - ITT Industries DEMM9P Datasheet HTML 258Page - ITT Industries DEMM9P Datasheet HTML 259Page - ITT Industries DEMM9P Datasheet HTML 260Page - ITT Industries DEMM9P Datasheet HTML 261Page - ITT Industries DEMM9P Datasheet HTML 262Page - ITT Industries DEMM9P Datasheet HTML 263Page - ITT Industries DEMM9P Datasheet HTML 264Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 260 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
PCB Hole Pattern — Standard/European
High Power/Voltage Straight — Receptacle
D
24W7
17 #20
7 #8
D
36W4
32 #20
4 #8
D
43W2
41 #20
2 #8
D
47W1
46 #20
1#8
2,84 (.112)
5,54(.218)
5,54(.218)
61,12 (2.406)
22,10 (.870)
19,33 (.761)
16,56 (.652)
13,82 (.544)
11,05 (.435)
8,28 (.326)
22,10 (.870)
19,33 (.761)
16,56 (.652)
13,82 (.544)
11,05 (.435)
8,28 (.326)
5,54(.218)
20,57 (.810)
1,42 (.056)
13,72 (.540)
6,86 (.270)
20,57 (.810)
13,72 (.540)
6,86 (.270)
Mounting
Hole
Signal Contact
High Voltage
Contact
High Power/
2,84 (.112)
5,54(.218) 5,54(.218)
61,12 (2.406)
2,84 (.112)
22,10 (.870)
19,33 (.761)
16,56 (.652)
13,82 (.544)
11,05 (.435)
8,28 (.326)
22,10 (.870)
19,33 (.761)
16,56 (.652)
13,82 (.544)
11,05 (.435)
8,28 (.326)
5,54(.218)
2,84 (.112)
20,57 (.810)
12,42 (.489)
15,19 (.598)
6,91 (.272)
9,68 (.381)
1,42 (.056)
13,72 (.540)
6,86 (.270)
4,14 (.163)
20,57 (.810)
Mounting
Hole
Signal Contact
High Voltage
Contact
High Power/
2,84 (.112)
5,54(.218)
5,54(.218)
61,12 (2.406)
2,84 (.112)
22,10 (.870)
19,33 (.761)
16,56 (.652)
13,82 (.544)
11,05 (.435)
8,28 (.326)
22,10 (.870)
19,33 (.761)
16,56 (.652)
13,82 (.544)
11,05 (.435)
8,28 (.326)
5,54(.218)
2,80 (.110)
8,28 (.326)
20,57 (.810)
6,91 (.272)
9,68 (.381)
1,42 (.056)
12,42 (.489)
15,19 (.598)
17,96 (.707)
20,70 (.815)
6,91 (.272)
9,68 (.381)
13,72 (.540)
Mounting
Hole
Signal Contact
High Voltage
Contact
High Power/
2,84 (.112)
30,56 (1.203)
5,54(.218)
5,54(.218)
61,12 (2.406)
2,84 (.112)
22,10 (.870)
19,33 (.761)
16,56 (.652)
13,82 (.544)
11,05 (.435)
8,28 (.326)
22,10 (.870)
19,33 (.761)
16,56 (.652)
13,82 (.544)
11,05 (.435)
8,28 (.326)
5,54(.218)
2,80 (.110)
8,28 (.326)
20,57 (.810)
12,42 (.489)
15,19 (.598)
6,91 (.272)
9,68 (.381)
1,42 (.056)
12,42 (.489)
15,19 (.598)
17,96 (.707)
20,70 (.815)
6,91 (.272)
9,68 (.381)
Mounting
Hole
Signal Contact
High Voltage
Contact
High Power/
Shell Size
Contact Arrangement
No. of Size 20 Cavities
No. of Size 8 Cavities
Shell Size
Contact Arrangement
No. of Size 20 Cavities
No. of Size 8 Cavities
Signal Contact
X
Recommended PCB Hole
X
0,60 (.024)
1,00 (.039)
0,76 (.030)
1,14 (.045)
Mounting Type
Recommended PCB Hole
X
Without Boardlock
3,05 (.120)
With Boardlock
3,10 (.122)
Size 8 Contact Type
Recommended PCB Hole
X
High Power (H)
3,56 (.140)
High Voltage (V)
1,96 (.077)
259



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com