Electronic Components Datasheet Search
  English  ▼

X  

DBMAM25P Datasheet(PDF) 226 Page - ITT Industries

Part # DBMAM25P
Description  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DBMAM25P Datasheet(HTML) 226 Page - ITT Industries

Back Button DBMAM25P Datasheet HTML 222Page - ITT Industries DBMAM25P Datasheet HTML 223Page - ITT Industries DBMAM25P Datasheet HTML 224Page - ITT Industries DBMAM25P Datasheet HTML 225Page - ITT Industries DBMAM25P Datasheet HTML 226Page - ITT Industries DBMAM25P Datasheet HTML 227Page - ITT Industries DBMAM25P Datasheet HTML 228Page - ITT Industries DBMAM25P Datasheet HTML 229Page - ITT Industries DBMAM25P Datasheet HTML 230Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 226 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
D Subminiature
Reader’s Resource
Pushfit/Boardlock — Standard
Pushfit/Boardlock — European
Straight (-146)
90
° (-146)
Alternate 50 Ohm Coaxial Configuration
Straight (X)
90
° (X)
Straight (Z)
90
° (C)
0,62 (.024)
Ø 0,79 (.031)
2,54 (.100)
6,96 (2.74)
MIN
5,59 (.220)
MIN
Ø 0,79 (.031)
2,54 (.100)
11,94
± 0,33
(.470
± .013)
0,62 (.024)
225



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com