Electronic Components Datasheet Search
  English  ▼

X  

MCP19111 Datasheet(PDF) 103 Page - Microchip Technology

Part # MCP19111
Description  Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19111 Datasheet(HTML) 103 Page - Microchip Technology

Back Button MCP19111 Datasheet HTML 99Page - Microchip Technology MCP19111 Datasheet HTML 100Page - Microchip Technology MCP19111 Datasheet HTML 101Page - Microchip Technology MCP19111 Datasheet HTML 102Page - Microchip Technology MCP19111 Datasheet HTML 103Page - Microchip Technology MCP19111 Datasheet HTML 104Page - Microchip Technology MCP19111 Datasheet HTML 105Page - Microchip Technology MCP19111 Datasheet HTML 106Page - Microchip Technology MCP19111 Datasheet HTML 107Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 222 page
background image
 2013 Microchip Technology Inc.
DS22331A-page 103
MCP19111
18.0
FLASH PROGRAM MEMORY
CONTROL
The Flash program memory is readable and writable
during normal operation (full VIN range). This memory
is not directly mapped in the register file space.
Instead, it is indirectly addressed through the Special
Function
Registers
(see
Registers 18-1
to 18-5).
There are six SFRs used to read and write this
memory:
•PMCON1
•PMCON2
•PMDATL
•PMDATH
• PMADRL
• PMADRH
When interfacing the program memory block, the
PMDATL and PMDATH registers form a two-byte
word, which holds the 14-bit data for read/write, and
the PMADRL and PMADRH registers form a two-byte
word, which holds the 13-bit address of the FLASH
location being accessed. These devices have 4K
words of program Flash with an address range from
0000h to 0FFFh.
The program memory allows single word read and a
by four word write. A four word write automatically
erases the row of the location and writes the new data
(erase before write).
The write time is controlled by an on-chip timer. The
write/erase voltages are generated by an on-chip
charge pump rated to operate over the voltage range
of the device for byte or word operations.
When the device is code protected, the CPU may
continue to read and write the Flash program memory.
Depending on the settings of the Flash Program
Memory Enable (WRT<1:0>) bits, the device may or
may not be able to write certain blocks of the program
memory, however, reads of the program memory are
allowed.
When the Flash Program Memory Code Protection
(CP) bit is enabled, the program memory is code
protected, and the device programmer (ICSP) cannot
access data or program memory.
18.1
PMADRH and PMADRL Registers
The PMADRH and PMADRL registers can address up
to a maximum of 4K words of program memory.
When selecting a program address value, the Most
Significant Byte (MSB) of the address is written to the
PMADRH register and the Least Significant Byte
(LSB) is written to the PMADRL register.
18.2
PMCON1 and PMCON2 Registers
PMCON1 is the control register for the data program
memory accesses.
Control bits RD and WR initiate read and write,
respectively. These bits cannot be cleared, only set in
software. They are cleared in hardware at completion
of the read or write operation. The inability to clear the
WR bit in software prevents the accidental premature
termination of a write operation.
The WREN bit, when set, will allow a write operation.
On power-up, the WREN bit is clear.
The CALSEL bit allows the user to read locations in
test memory in case there are calibration bits stored in
the calibration word locations that need to be
transferred to SFR trim registers. The CALSEL bit is
only for reads, and if a write operation is attempted
with CALSEL = 1, no write will occur.
PMCON2 is not a physical register. Reading PMCON2
will read all '0's. The PMCON2 register is used
exclusively in the flash memory write sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com