Electronic Components Datasheet Search
  English  ▼

X  

ADD5211 Datasheet(PDF) 6 Page - Analog Devices

Part # ADD5211
Description  Four-String, White LED Driver for LCD Backlight Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADD5211 Datasheet(HTML) 6 Page - Analog Devices

  ADD5211 Datasheet HTML 1Page - Analog Devices ADD5211 Datasheet HTML 2Page - Analog Devices ADD5211 Datasheet HTML 3Page - Analog Devices ADD5211 Datasheet HTML 4Page - Analog Devices ADD5211 Datasheet HTML 5Page - Analog Devices ADD5211 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
ADD5211
Preliminary Technical Data
Rev. PrA | Page 6 of 6
OUTLINE DIMENSIONS
0.50
BSC
0.50
0.40
0.30
0.30
0.25
0.18
COMPLIANT
TO JEDEC STANDARDS MO-220-WGGD.
BOTTOM VIEW
TOP VIEW
EXPOSED
PAD
PIN 1
INDICATOR
4.10
4.00 SQ
3.90
SEATING
PLANE
0.80
0.75
0.70
0.05 MAX
0.02 NOM
0.20 REF
0.25 MIN
COPLANARITY
0.08
PIN 1
INDICATOR
1
24
7
12
13
18
19
6
2.65
2.50 SQ
2.45
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
Figure 6. 24-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
4 mm × 4 mm Body, Very Very Thin Quad
(CP-24-7)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
ADD5211ACPZ-R7
−25°C to +85°C
24-Lead LFCSP_WQ, 7”Tape and Reel
CP-24-7
ADD5211ACPZ-RL
−25°C to +85°C
24-Lead LFCSP_WQ, 13”Tape and Reel
CP-24-7
1
Z = RoHS Compliant Part.
©2013 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D10555-0-2/13(PrA)


Similar Part No. - ADD5211

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADD5203 AD-ADD5203 Datasheet
1Mb / 24P
8-String,White LED Driver with SMBus and PWM Input for LCD Backlight Applications
REV. 0
ADD5203ACPZ-RL AD-ADD5203ACPZ-RL Datasheet
1Mb / 24P
8-String,White LED Driver with SMBus and PWM Input for LCD Backlight Applications
REV. 0
ADD5205 AD-ADD5205 Datasheet
441Kb / 16P
Four-String White LED Driver
REV. 0
ADD5205ACPZ-RL AD-ADD5205ACPZ-RL Datasheet
441Kb / 16P
Four-String White LED Driver
REV. 0
ADD5207 AD-ADD5207 Datasheet
428Kb / 16P
Four-String, White LED Driver
REV. A
More results

Similar Description - ADD5211

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17061 MAXIM-MAX17061 Datasheet
424Kb / 26P
8-String White LED Driver with SMBus for LCD Panel Applications
Rev 0; 1/08
MAX17061A MAXIM-MAX17061A Datasheet
530Kb / 24P
8-String White LED Driver with SMBus for LCD Panel Applications
Rev 0; 2/09
logo
Eutech Microelectronics...
EUP2592 EUTECH-EUP2592 Datasheet
53Kb / 1P
8-String White LED Driver for LCD 8-String White LED Driver for LCD
logo
Analog Devices
ADD5203 AD-ADD5203 Datasheet
1Mb / 24P
8-String,White LED Driver with SMBus and PWM Input for LCD Backlight Applications
REV. 0
ADD5205 AD-ADD5205 Datasheet
441Kb / 16P
Four-String White LED Driver
REV. 0
ADD5207 AD-ADD5207 Datasheet
428Kb / 16P
Four-String, White LED Driver
REV. A
ADD5207ACPZ AD-ADD5207ACPZ Datasheet
428Kb / 16P
Four-String, White LED Driver for LCD Backlight Applications
REV. A
ADM8843 AD-ADM8843_15 Datasheet
284Kb / 16P
Four White LED Backlight Driver
REV. C
logo
ams AG
AS3695A AMSCO-AS3695A Datasheet
2Mb / 34P
16 channel white LED driver for LCD backlight
logo
BCD Semiconductor Manuf...
AP3068 BCDSEMI-AP3068 Datasheet
393Kb / 15P
WHITE LED DRIVER FOR LCD PANEL BACKLIGHT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com