Electronic Components Datasheet Search
  English  ▼

X  

CX3225GA Datasheet(PDF) 5 Page - Kyocera Kinseki Corpotation

Part # CX3225GA
Description  3.2횞2.5mm for Automotive
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

CX3225GA Datasheet(HTML) 5 Page - Kyocera Kinseki Corpotation

  CX3225GA Datasheet HTML 1Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 5 / 1 page
background image
5.0
×3.2mm for Automotive
Crystal Units
Surface Mount Type CX5032GA (CX-53G)
RoHS Compliant
CONNECTION
5.0±0.2
2.4
1.3
1.3
Dimensions
(Unit: mm)
4.1
1.9
1.9
Recommended Land Pattern
(Unit: mm)
Table1 Motional Series Resistance
Frequency Range
Motional Series Resistance
8000 to 9499kHz
300
Ω max.
9500 to 9999kHz
200
Ω max.
10000 to 13999kHz
150
Ω max.
14000 to 19999kHz
100
Ω max.
20000 to 29999kHz
70
Ω max.
30000 to 40000kHz
50
Ω max.
Table2 Level of Drive
Frequency Range
Level of Drive
8000 to 15999kHz
10
μW (500μW max.)
16000 to 24999kHz
10
μW (300μW max.)
25000 to 40000kHz
10
μW (100μW max.)
Specifications
Item
Symbol
Specification
Units
Remarks
Frequency Range
f_nom
8000 to 40000
kHz
Overtone Order
OT
Fundamental
―
Load Capacitance
CL
12
pF
Frequency Stability
f_tol
±100
×10-6
25
°C±3°C
Motional Series Resistance
R1
Table 1
ohm
Drive Level
DL
Table 2
μW
Operating Temp. Range
T_use
-40 to +150
°C
Storage Temp. Range
T_stg
-40 to +150
°C
Frequency Temp. Characteristics
f_tem
±200
×10-6
Freq. deviation from the value at 25
°C
• Please contact us for other specifications.
Features
• Crystal unit for automotive electronics
• Small and low profile (5.0
×3.2×1.3mm)
• Ceramic package
• Reflow compatible
• AEC-Q200 qualitied
Applications
• ECU
How to Order
CX5032GA 08000 □□ □ □ □ □□
①
②
③ ④ ⑤ ⑥ ⑦
① Series
② Frequency
③ Load Capacitance
D0
8 pF
—
H0
12 pF
Std.
④ Frequency Stability
P
±50×10-6
—
Q
±100×10-6 Std.
⑤ Operating Temp. Range ⑥ Frequency Temp. Stability
TW
-40 to +150°C
±200×10-6
Std.
⑦ Individual Specification
Packaging (Tape & Reel 3000/ 1000 pcs./ reel)
Typical Frequencies and Part Numbers
Frequency (kHz)
Part Number
8000.000
CX5032GA08000H0QTWZ1
9843.750
CX5032GA09843H0QTWZ1
10000.000
CX5032GA10000H0QTWZ1
12000.000
CX5032GA12000H0QTWZ1
13560.000
CX5032GA13560H0QTWZ1
15000.000
CX5032GA15000H0QTWZ1
16000.000
CX5032GA16000H0QTWZ1
18000.000
CX5032GA18000H0QTWZ1
20000.000
CX5032GA20000H0QTWZ1
24000.000
CX5032GA24000H0QTWZ1
25000.000
CX5032GA25000H0QTWZ1



Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com