Electronic Components Datasheet Search
  English  ▼

X  

8412NGLV Datasheet(PDF) 5 Page - ebm-papst

Part # 8412NGLV
Description  DC axial compact fan
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

8412NGLV Datasheet(HTML) 5 Page - ebm-papst

  8412NGLV Datasheet HTML 1Page - ebm-papst 8412NGLV Datasheet HTML 2Page - ebm-papst 8412NGLV Datasheet HTML 3Page - ebm-papst 8412NGLV Datasheet HTML 4Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 5 / 4 page
background image
DC axial compact fan
8412 NGLV
Charts: Air flow
0
4
8
12
16
20
10
20
2,5
5
30
m³/h
V
•
2
1
30°C
50°C
7,5
CFM
S
Web data sheet D · Page 5 of 5
ebm-papst St. Georgen GmbH & Co. KG · Hermann-Papst-Straße 1 · D-78112 St. Georgen · Phone +49 7724 81-0 · Fax +49 7724 81-1309 · info2@de.ebmpapst.com · www.ebmpapst.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com