Electronic Components Datasheet Search
  English  ▼

X  

AX6145 Datasheet(PDF) 2 Page - Axiomtek Co., Ltd.

Part # AX6145
Description  Two 8 cm ball-bearing fans
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

AX6145 Datasheet(HTML) 2 Page - Axiomtek Co., Ltd.

  AX6145 Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 1 page
background image
350
* All specifications and photos are subject to change without notice.
axiomtek.com
Overview
Embedded
Systems
Embedded
Systems for
Transportation
Embedded
Field
Controllers
Embedded
MicroBoxes
Industrial
Barebone
Systems
Industrial
Chassis
Backplanes
Power
Supplies
Peripherals &
Accessories
Appendix
© 2013 Axiomtek Co., Ltd. All rights reserved.
Ordering Information
Power Supply Specifications
Dimensions
Items
Watt
Specifications
Input
Output
MTBF
PS300-
XP2
ATX 300W
(PFC)
Slide Switch
(115Vac/230Vac)
+5V @ 30/21.5A
+12V @ 15A
-12V @ 0.8A
+3.3V @ 15/28A
+5VSB @ 2A
-5V @ 0.3A
100,000
hours
PS400-
XP2
ATX 400W
(PFC)
AC
90~264V(Auto)
+5V @ 20 A
+12V1 @ 16 A
+12V2 @ 16 A
-12V @ 0.5 A
+3.3V @ 20 A
+5VSB @ 2.5 A
100,000
hours
PS500-
XP2
ATX 500W
(PFC)
AC
90~264V(Auto)
+5 V @ 24A
+12 V @ 34A
+12 V1 @ 17A
+12 V2 @ 17A
-12 V @ 0.8A
+3.3 V @ 24A
+5 VSB @ 2.5A
100,000
hours
AX6145T(W)B/X400
14-slot version, with ATX 400W power supply
AX6145T(W)B/X300
14-slot version, with ATX 300W power supply
AX6145T(W)M/X400
MB version, with ATX 400W power supply
AX6145T(W)M/X300
MB version, with ATX 300W power supply
*Specifications and certifications are based on options and may vary.
** T-Black color; W-Beige color
Backplane Options
Models
Slots per Segment
(ISA/PCI/PCIe/CPU)
Segment
ATX6022/13L
8/4/1
Single
ATX6022/14G
1/12/1
Single
ATX6022/14GP7
6/7/1
Single
ATX6022/14
9/4/1
Single
Models
Slots per Segment
(ISA/PCI/PCIe/CPU)
Segment
FAB100
4/4/5/1
Single
FAB101
0/13/0/1
Single
FAB112
0/10/2/1
Single
FAB113
0/4/8/1
Single
FAB114
0/8/4/1
Single
FAB118
0/7/6/1
Single
PICMG 1.0
PICMG 1.3



Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com