Electronic Components Datasheet Search
  English  ▼

X  

AX60552 Datasheet(PDF) 2 Page - Axiomtek Co., Ltd.

Part # AX60552
Description  Desktop or wallmount industrial computer chassis
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

AX60552 Datasheet(HTML) 2 Page - Axiomtek Co., Ltd.

  AX60552 Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 1 page
background image
356
* All specifications and photos are subject to change without notice.
axiomtek.com
Overview
Embedded
Systems
Embedded
Systems for
Transportation
Embedded
Field
Controllers
Embedded
MicroBoxes
Industrial
Barebone
Systems
Industrial
Chassis
Backplanes
Power
Supplies
Peripherals &
Accessories
Appendix
© 2013 Axiomtek Co., Ltd. All rights reserved.
Ordering Information
Power Supply Specifications
Dimensions
Items
Watt
Specifications
Input
Output
MTBF
PS300-
XP2
ATX 300W
(PFC)
Slide Switch
(115Vac/230Vac)
+5V @ 30/21.5A
+12V @ 15A
-12V @ 0.8A
+33V @ 15/28A
+5VSB @ 2A
-5V @ 0.3A
100,000
hours
PS400-
XP2
ATX 400W
(PFC)
AC 90~264V
(Auto)
+5V @ 20A
+3.3V @ 20A
+12V1 @ 16A
+12V2 @ 16A
-12V @ 0.5A
+5VSB @ 2.5A
100,000
hours
PS500-
XP2
ATX 500W
(PFC)
AC 90~264V
(Auto)
+5V @ 24A
+3.3V @ 24A
+12V @ 34A
+12V1 @ 17A
+12V2 @ 17A
-12V @ 0.8A
+5VSB @ 2.5A
100,000
hours
AX60552WB/X300
With ATX 300W power supply
AX60552WB/X400
With ATX 400W power supply
AX60552WB/X500
With ATX 500W power supply
*Specifications and certifications are based on options and may vary.
Backplane Options
Models
Slots per Segment
(ISA/PCI/PCIe/CPU)
Segment
ATX6022/8GP7
0/7/1
Single
ATX6022/8
3/4/1
Single
Models
Slots per Segment
(ISA/PCI/PCIe/CPU)
Segment
FAB111
0/4/2/1
Single
FAB208
0/6/1/1
Single
HAB208
0/6/1/1
Single
FAB116
0/3/4/1
Single
PICMG 1.0
PICMG 1.3



Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com