Electronic Components Datasheet Search
  English  ▼

X  

SPRUG09 Datasheet(PDF) 135 Page - Texas Instruments

Part # SPRUG09
Description  TMS320C6474 Multicore Digital Signal Processor
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SPRUG09 Datasheet(HTML) 135 Page - Texas Instruments

Back Button SPRUG09 Datasheet HTML 131Page - Texas Instruments SPRUG09 Datasheet HTML 132Page - Texas Instruments SPRUG09 Datasheet HTML 133Page - Texas Instruments SPRUG09 Datasheet HTML 134Page - Texas Instruments SPRUG09 Datasheet HTML 135Page - Texas Instruments SPRUG09 Datasheet HTML 136Page - Texas Instruments SPRUG09 Datasheet HTML 137Page - Texas Instruments SPRUG09 Datasheet HTML 138Page - Texas Instruments SPRUG09 Datasheet HTML 139Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 214 page
background image
TMS320C6474
www.ti.com
SPRS552H
– OCTOBER 2008 – REVISED APRIL 2011
7.11 I2C Peripheral
The inter-integrated circuit (I2C) module provides an interface between a C64x+ DSP and other devices
compliant with Philips Semiconductors Inter-IC bus (I2C bus) specification version 2.1 and connected by
way of an I2C-bus. External components attached to this 2-wire serial bus can transmit/receive up to 8-bit
data to/from the DSP through the I2C module.
7.11.1 I2C Device-Specific Information
The C6474 device includes an I2C peripheral module (I2C). NOTE: when using the I2C module, ensure
there are external pullup resistors on the SDA and SCL pins.
The I2C modules on the C6474 may be used by the DSP to control local peripherals ICs (DACs, ADCs,
etc.) or may be used to communicate with other controllers in a system or to implement a user interface.
The I2C port supports:
•
Compatible with Philips I2C Specification Revision 2.1 (January 2000)
•
Fast Mode up to 400 Kbps (no fail-safe I/O buffers)
•
Noise Filter to remove noise 50 ns or less
•
7- and 10-Bit Device Addressing Modes
•
Multi-Master (Transmit/Receive) and Slave (Transmit/Receive) Functionality
•
Events: DMA, Interrupt, or Polling
•
Slew-Rate Limited Open-Drain Output Buffers
Figure 7-24 is a block diagram of the I2C module.
Copyright
© 2008–2011, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
135
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com